Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WDBR7 Datasheet(PDF) 1 Page - TT Electronics.

Part # WDBR7
Description  Ultra Low Profile Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WDBR7 Datasheet(HTML) 1 Page - TT Electronics.

  WDBR7 Datasheet HTML 1Page - TT Electronics. WDBR7 Datasheet HTML 2Page - TT Electronics. WDBR7 Datasheet HTML 3Page - TT Electronics. WDBR7 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultra Low Profile Power Resistors
WDBR Series
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
07.24
Electrical Data
Features:
•
Ultra low profile thick-film on steel
•
500W to 7kW peak power
•
Single fixing heatsink mountable
•
Ideal for dynamic braking, inrush limit and snubber circuits
•
Choice of flying leads, push-on tags or solder terminations
•
Low inductance design
•
High isolation, even after failsafe overload fusing
•
Non-flammable construction
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
Physical Data
Construction
A high integrity dielectric layer is applied to a
machined stainless-steel substrate. Thick-
film conductor and resistor patterns are
printed and fired, then protected with a high
temperature overglaze. The termination
pads are tinned with solder and optional
terminals or leads are soldered on.
Construction Cross Section


Similar Part No. - WDBR7

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WDBR7 WELWYN-WDBR7 Datasheet
743Kb / 3P
Ultra low profile thick-film on steel
logo
List of Unclassifed Man...
WDBR7 ETC2-WDBR7 Datasheet
373Kb / 4P
Ultra Low Profile Power Resistors
logo
TT Electronics.
WDBR7UL TTELEC-WDBR7UL Datasheet
1Mb / 4P
Ultra Low Profile Power Resistors
01.25
More results

Similar Description - WDBR7

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
TFBR2 RIEDON-TFBR2 Datasheet
310Kb / 1P
Low Profile Power Resistors
logo
Welwyn Components Limit...
WDBR WELWYN-WDBR_13 Datasheet
512Kb / 4P
Ultra Low Profile Power Resistors
logo
Ohmite Mfg. Co.
IS175 OHMITE-IS175 Datasheet
256Kb / 2P
Ultra Low Profile Power Resistors
logo
List of Unclassifed Man...
WDBR3-150RKT ETC2-WDBR3-150RKT Datasheet
373Kb / 4P
Ultra Low Profile Power Resistors
logo
Ohmite Mfg. Co.
IS-SERIES OHMITE-IS-SERIES Datasheet
398Kb / 2P
Ultra Low Profile Power Resistors
ISSERIES OHMITE-ISSERIES Datasheet
398Kb / 2P
Ultra Low Profile Power Resistors
logo
WALSIN TECHNOLOGY CORPO...
WW20N WALSIN-WW20N Datasheet
208Kb / 7P
Ultra low ohm power chip resistors
WW25A WALSIN-WW25A Datasheet
156Kb / 7P
Ultra low ohm power chip resistors
WW25B WALSIN-WW25B Datasheet
157Kb / 7P
Ultra low ohm power chip resistors
WW25N WALSIN-WW25N Datasheet
329Kb / 7P
Ultra low ohm power chip resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com