Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F427IGH7TR Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32F427IGH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IGH7TR Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32F427IGH7TR Datasheet HTML 100Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 101Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 102Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 103Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 104Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 105Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 106Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 107Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 231 page
background image
Electrical characteristics
STM32F427xx STM32F429xx
104/231
DocID024030 Rev 6
Figure 25. Typical VBAT current consumption (LSE and RTC ON/backup RAM OFF)
1. The typical current consumption values are given with PDR OFF (internal reset OFF). When the PDR is OFF (internal reset
OFF), the typical current consumption is reduced by additional 1.2 µA.
2. Based on characterization, not tested in production unless otherwise specified.
3. Based on characterization, tested in production.
Table 29. Typical and maximum current consumptions in VBAT mode
Symbol
Parameter
Conditions(1)
Typ
Max(2)
Unit
TA = 25 °C
TA = 85 °C
TA =
105 °C
VBAT =
1.7 V
VBAT=
2.4 V
VBAT =
3.3 V
VBAT = 3.6 V
IDD_VBAT
Backup
domain supply
current
Backup SRAM ON, low-speed
oscillator (LSE) and RTC ON
1.28
1.40
1.62
6
11
µA
Backup SRAM OFF, low-speed
oscillator (LSE) and RTC ON
0.66
0.76
0.97
3
5
Backup SRAM ON, RTC and
LSE OFF
0.70
0.72
0.74
5
10
Backup SRAM OFF, RTC and
LSE OFF
0.10
0.10
0.10
2
4
1. Crystal used: Abracon ABS07-120-32.768 kHz-T with a CL of 6 pF for typical values.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com