Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F427IGH7TR Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32F427IGH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IGH7TR Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32F427IGH7TR Datasheet HTML 104Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 105Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 106Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 107Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 108Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 109Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 110Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 111Page - STMicroelectronics STM32F427IGH7TR Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 231 page
background image
Electrical characteristics
STM32F427xx STM32F429xx
108/231
DocID024030 Rev 6
Table 32. Typical current consumption in Sleep mode, regulator ON, VDD=1.7 V(1)
1. When peripherals are enabled, the power consumption corresponding to the analog part of the peripherals
(such as ADC, or DAC) is not included.
Symbol
Parameter
Conditions
fHCLK (MHz)
Typ
Unit
IDD
Supply current in
Sleep mode from
VDD supply
All Peripherals
enabled
168
65.5
mA
150
55.5
144
53.5
120
39.0
90
31.6
60
21.7
30
9.8
25
8.8
All Peripherals
disabled
168
15.7
150
13.7
144
12.7
120
9.7
90
7.7
60
5.7
30
4.7
25
2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com