Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NA593-R680E-SPSU Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA593-R680E-SPSU
Description  1U 19" Rackmount Network Appliance with 14th/13th/12th Gen Core™ i9/i7/i5/i3, Pentium® or Celeron® Processor, and up to 26 LAN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA593-R680E-SPSU Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA593-R680E-SPSU Datasheet HTML 1Page - Axiomtek Co., Ltd. NA593-R680E-SPSU Datasheet HTML 2Page - Axiomtek Co., Ltd. NA593-R680E-SPSU Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.axiomtek.com
Networking Security and Edge Sever Platforms
NA593
Specifications
System
CPU
14th/13th/12th gen Core™ i9/i7/i5/i3, Pentium® or Celeron® processor (Codenamed Alder Lake S/Raptor Lake S/Raptor Lake Refresh)
Chipset
Intel® R680E
Memory
4 x DDR5-4400 MHz ECC/non-ECC UDIMM, up to 256 GB
BIOS
AMI SPI Flash BIOS
Storage
2 x 2.5" SATA HDD/SSD bays
Network Interface
8 x GbE RJ-45
2 x SFP
2-pair LAN bypass
2 x NIC module through MIO153 I/O board (optional)
I/O
1 x HDMI
1 x LCM (16x2 character)
6 LEDs for power, storage, GPIO, and LAN bypass
1 x console (RJ-45/Type C)
2 x USB 3.0
TPM
Onboard TPM 2.0
IPMI
BMC AST2600, IPMI 2.0 (by project)
Rear view
Front view
Keypad
LCM
HDD/power/GPO LED
Console/USB
HDMI 8 x RJ-45 &
2 x SFP
2 x NIC slot
ATX power
System fans
Power bottom
Expansion slot
NEW
Features
● 14th/13th/12th Gen Core™ i9/i7/i5/i3, Pentium® or Celeron® processor
(Codenamed Alder Lake S/Raptor Lake S/Raptor Lake Refresh)
● 4 DDR5-4400 MHz ECC (By CPU) or non-ECC UDIMM, up to 256GB
● 8 GbE RJ-45, 2 SFP (Intel® I350), and 2 NIC modules (optional)
● 1 PCIe x8 FH/HL (optional), 1 x M.2 Key M, 1 x M.2 Key B, and 1 x PCIe Mini Card slot
1U 19" Rackmount Network Appliance with 14th/13th/12th Gen Core™ i9/i7/i5/i3, Pentium®
or Celeron® Processor, and up to 26 LAN
TPM
LAN Bypass
IEC 62368-1
DDR5
M.2
Redundant Power
NIC Module


Similar Part No. - NA593-R680E-SPSU

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
NA5931-AL COILCRAFT-NA5931-AL Datasheet
228Kb / 2P
Air Core Inductors
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
Air Core Inductors
NA5932-AL COILCRAFT-NA5932-AL Datasheet
228Kb / 2P
Air Core Inductors
NA5933-AL COILCRAFT-NA5933-AL Datasheet
228Kb / 2P
Air Core Inductors
NA5934-AL COILCRAFT-NA5934-AL Datasheet
228Kb / 2P
Air Core Inductors
More results

Similar Description - NA593-R680E-SPSU

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534D ADVANTECH-ARK-3534D Datasheet
1Mb / 3P
Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
FWA-3231 ADVANTECH-FWA-3231 Datasheet
646Kb / 2P
1U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, 4 NMC slots
9-Jun-2017
FWA-3232 ADVANTECH-FWA-3232 Datasheet
995Kb / 2P
1U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, up to 8 GbE ports
9-Jun-2017
logo
AAEON Technology
GENE-ADP6 AAEON-GENE-ADP6 Datasheet
572Kb / 2P
3.5” SubCompact Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/01/19
logo
Lanner All Rights Reser...
NCA-5230 LANNER-NCA-5230 Datasheet
337Kb / 2P
1U 19” Rackmount Network Appliance With Intel® Core™ i9/i7/i5/i3 & Xeon® W CPUs (Codenamed Comet Lake S)
V1-2023.02.03
logo
BCM Advanced Research.
BC680R BCM-BC680R Datasheet
621Kb / 2P
Intel® R680E ATX Motherboard supports Intel® Alder Lake Core i9/i7/i5/i3, Pentium and Celeron Processor
02/13/2023
ECM-RPLP BCM-ECM-RPLP Datasheet
962Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
05/25/2023
logo
AAEON Technology
UPX-EDGE-ADLPI7-A10-16128 AAEON-UPX-EDGE-ADLPI7-A10-16128 Datasheet
473Kb / 2P
UP Xtreme i12 system with 12th generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/02/16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com