| Electronic Components Datasheet Search |
|
THS10064 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS10064 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 44 page ![]() THS10064 SLAS255B – DECEMBER 1999 – REVISED DECEMBER 2002 www.ti.com 21 READING DATA FROM THE FIFO The THS10064 informs the connected processor via the digital output DATA_AV (data available) that a block of conversion values are ready to be read. The block size to be read is always equal to the setting of the trigger level. The selectable trigger levels depend on the number of selected analog input channels. For example, when choosing one analog input, a trigger level of 1, 4, 8, and 14 can be selected. The following figures demonstrate the principle of reading the data (the READ signal is asynchronous to CONV_CLK). In Figure 32, a trigger level of 1 is selected. The control signal DATA_AV is set to an active low pulse. This means that the connected processor has the task to read 1 value from the ADC after every DATA_AV low pulse. CONV_CLK DATA_AV READ Figure 32. Trigger Level 1 Selected In Figure 33, a trigger level of 4 is selected. The control signal DATA_AV is set to an active low pulse. This means that the connected processor has the task to read 4 values from the ADC after every DATA_AV low pulse. CONV_CLK DATA_AV READ Figure 33. Trigger Level 4 Selected In Figure 34, a trigger level of 8 is selected. The control signal DATA_AV is set to an active low pulse. This means that the connected processor has the task to read 8 values from the ADC after every DATA_AV low pulse. CONV_CLK DATA_AV READ Figure 34. Trigger Level 8 Selected In Figure 35, a trigger level of 14 is selected. The control signal DATA_AV is set to an active low pulse. This means that the connected processor has the task to read 14 values from the ADC after every DATA_AV low pulse. CONV_CLK DATA_AV READ Figure 35. Trigger Level 14 Selected READ is always the logical combination of CS0, CS1 and RD. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |