Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS10064CDAR Datasheet(PDF) 22 Page - Texas Instruments

Part # THS10064CDAR
Description  10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS10064CDAR Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS10064CDAR Datasheet HTML 18Page - Texas Instruments THS10064CDAR Datasheet HTML 19Page - Texas Instruments THS10064CDAR Datasheet HTML 20Page - Texas Instruments THS10064CDAR Datasheet HTML 21Page - Texas Instruments THS10064CDAR Datasheet HTML 22Page - Texas Instruments THS10064CDAR Datasheet HTML 23Page - Texas Instruments THS10064CDAR Datasheet HTML 24Page - Texas Instruments THS10064CDAR Datasheet HTML 25Page - Texas Instruments THS10064CDAR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
THS10064
SLAS255B – DECEMBER 1999 – REVISED DECEMBER 2002
www.ti.com
22
ADC CONTROL REGISTER
The THS10064 contains two 10-bit wide control registers (CR0, CR1) in order to program the device into the desired
mode. The bit definitions of both control registers are shown in Table 7.
Table 7. Bit Definitions of Control Register CR0 and CR1
REG
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CR0
TEST1
TEST0
SCAN
DIFF1
DIFF0
CHSEL1
CHSEL0
PD
MODE
VREF
CR1
RESERVED
OFFSET
BIN/2s
R/W
DATA_P
DATA_T
TRIG1
TRIG0
FRST
RESET
Writing to Control Register 0 and Control Register 1
The 10-bit wide control register 0 and control register 1 can be programmed by addressing the desired control
register and writing the register value to the ADC. The addressing is performed with the upper bits RA0 and RA1.
During this write process, the data bits D0 to D9 contain the desired control register value. Table 8 shows the
addressing of each control register.
Table 8. Control Register Addressing
D0 – D9
RA0
RA1
Addressed Control Register
Desired register value
0
0
Control register 0
Desired register value
1
0
Control register 1
Desired register value
0
1
Reserved for future
Desired register value
1
1
Reserved for future



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com