Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9105 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9105
Description  Ceramic Capacitor Compatible, Step-up DC/DC Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9105 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9105 Datasheet HTML 1Page - Torex Semiconductor XC9105 Datasheet HTML 2Page - Torex Semiconductor XC9105 Datasheet HTML 3Page - Torex Semiconductor XC9105 Datasheet HTML 4Page - Torex Semiconductor XC9105 Datasheet HTML 5Page - Torex Semiconductor XC9105 Datasheet HTML 6Page - Torex Semiconductor XC9105 Datasheet HTML 7Page - Torex Semiconductor XC9105 Datasheet HTML 8Page - Torex Semiconductor XC9105 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
XC9103/XC9104/XC9105
Series
■ BLOCK DIAGRAM
■ ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
VDD pin Voltage
VDD
-0.3 ~ 12.0
V
FB pin Voltage
FB
-0.3 ~ 12.0
V
CE pin Voltage
VCE
-0.3 ~ 12.0
V
EXT pin Voltage
VEXT
-0.3 ~ VDD + 0.3
V
EXT pin Current
IEXT/
±100
mA
SOT-25
150
Power Dissipation
USP-6B
Pd
100
mW
Operating Temperature Range
Topr
-40 ~ +85
℃
Storage Temperature Range
Tstg
-40 ~ +125
℃
Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com