Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LWV28G-R2T1-3K6L-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LWV28G-R2T1-3K6L-1
Description  FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWV28G-R2T1-3K6L-1 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LWV28G-R2T1-3K6L-1 Datasheet HTML 6Page - OSRAM GmbH LWV28G-R2T1-3K6L-1 Datasheet HTML 7Page - OSRAM GmbH LWV28G-R2T1-3K6L-1 Datasheet HTML 8Page - OSRAM GmbH LWV28G-R2T1-3K6L-1 Datasheet HTML 9Page - OSRAM GmbH LWV28G-R2T1-3K6L-1 Datasheet HTML 10Page - OSRAM GmbH LWV28G-R2T1-3K6L-1 Datasheet HTML 11Page - OSRAM GmbH LWV28G-R2T1-3K6L-1 Datasheet HTML 12Page - OSRAM GmbH LWV28G-R2T1-3K6L-1 Datasheet HTML 13Page - OSRAM GmbH LWV28G-R2T1-3K6L-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LW V28G
2007-10-19
10
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
OHL00968
0
0
20
40
60
80 ˚C 100
mA
F
I
T
temp. solder point
temp. ambient
T
T
S
A
T
T
AS
5
10
15
20
25
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
0.05
0.10
-2
-3
-4
-5
10
10
10
1
0.15
F
I
0.25
A
D
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL02427
T
t
P
IF
0.20
Exemplarische mittlere Lebensdauer
2) Seite 16
für Helligkeitsgruppe S1
Exemplary median Lifetime
2) page 16
for Brightness Group S1
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 10 mA
T
A = 25°C
750
Betriebsstunden
operating hours
I
F = 5 mA
T
A = 85°C
300
Betriebsstunden
operating hours
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
0.05
0.10
-2
-3
-4
-5
10
10
10
1
0.15
F
I
0.25
A
D
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL02428
T
t
P
IF
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com