Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F527 Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F527
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F527 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F527_V01 Datasheet HTML 28Page - Microchip Technology PIC16F527_V01 Datasheet HTML 29Page - Microchip Technology PIC16F527_V01 Datasheet HTML 30Page - Microchip Technology PIC16F527_V01 Datasheet HTML 31Page - Microchip Technology PIC16F527_V01 Datasheet HTML 32Page - Microchip Technology PIC16F527_V01 Datasheet HTML 33Page - Microchip Technology PIC16F527_V01 Datasheet HTML 34Page - Microchip Technology PIC16F527_V01 Datasheet HTML 35Page - Microchip Technology PIC16F527_V01 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 134 page
background image
PIC16F527
DS40001652C-page 32
 2012-2014 Microchip Technology Inc.
7.0
TIMER0 MODULE AND TMR0
REGISTER
The Timer0 module has the following features:
• 8-bit timer/counter register, TMR0
• Readable and writable
• 8-bit software programmable prescaler
• Internal or external clock select:
- Edge select for external clock
Figure 7-1 is a simplified block diagram of the Timer0
module.
Timer mode is selected by clearing the T0CS bit of the
OPTION register. In Timer mode, the Timer0 module
will increment every instruction cycle (without pres-
caler). If TMR0 register is written, the increment is
inhibited for the following two cycles (see Figure 7-2
and Figure 7-3). The user can work around this by writ-
ing an adjusted value to the TMR0 register.
There are two types of Counter mode. The first Counter
mode uses the T0CKI pin to increment Timer0. It is
selected by setting the T0CS bit of the OPTION regis-
ter, setting the C1T0CS bit of the CM1CON0 register
and setting the C1OUTEN bit of the CM1CON0 regis-
ter. In this mode, Timer0 will increment either on every
rising or falling edge of pin T0CKI. The T0SE bit of the
OPTION register determines the source edge. Clearing
the T0SE bit selects the rising edge. Restrictions on the
external clock input are discussed in detail in
Section 7.1 “Using Timer0 with an External Clock”.
The second Counter mode uses the output of the
comparator to increment Timer0. It can be entered in by
setting the T0CS bit of the OPTION register, and
clearing the C1T0CS bit of the CM1CON0 register
(C1OUTEN [CM1CON0<6>] does not affect this mode
of operation). This enables an internal connection
between the comparator and the Timer0.
The prescaler may be used by either the Timer0
module or the Watchdog Timer, but not both. The
prescaler assignment is controlled in software by the
control bit, PSA of the OPTION register. Clearing the
PSA bit will assign the prescaler to Timer0. The pres-
caler is not readable or writable. When the prescaler is
assigned to the Timer0 module, prescale values of 1:2,
1:4,..., 1:256 are selectable. Section 7.2 “Prescaler”
details the operation of the prescaler.
A summary of registers associated with the Timer0
module is found in Table 7-1.
FIGURE 7-1:
TIMER0 BLOCK DIAGRAM
Note 1: Bits T0CS, T0SE, PSA, PS2, PS1 and PS0 are located in the OPTION register (see Register 4-2).
2: The prescaler is shared with the Watchdog Timer.
3: The C1T0CS bit is in the CM1CON0 register.
T0CKI
T0SE(1)
0
1
1
0
pin
T0CS(1)
FOSC/4
Programmable
Prescaler(2)
Sync with
Internal
Clocks
TMR0 Reg
PSOUT
(2 cycle delay)
PSOUT
Data Bus
8
PSA(1)
PS2(1), PS1(1), PS0(1)
3
Sync
0
1
Comparator
Output
C1T0CS(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com