Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1503-I/SL. Datasheet(PDF) 214 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 214 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 210Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 211Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 212Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 213Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 214Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 215Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 216Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 217Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 218Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 214
 2011-2015 Microchip Technology Inc.
23.0
CONFIGURABLE LOGIC CELL
(CLC)
The Configurable Logic Cell (CLCx) provides program-
mable logic that operates outside the speed limitations
of software execution. The logic cell takes up to 16
input signals, and through the use of configurable
gates, reduces the 16 inputs to four logic lines that drive
one of eight selectable single-output logic functions.
Input sources are a combination of the following:
• I/O pins
• Internal clocks
• Peripherals
•Register bits
The output can be directed internally to peripherals and
to an output pin.
Refer to Figure 23-1 for a simplified diagram showing
signal flow through the CLCx.
Possible configurations include:
• Combinatorial Logic
-AND
-NAND
- AND-OR
- AND-OR-INVERT
-OR-XOR
-OR-XNOR
• Latches
-S-R
- Clocked D with Set and Reset
- Transparent D with Set and Reset
- Clocked J-K with Reset
FIGURE 23-1:
CONFIGURABLE LOGIC CELL BLOCK DIAGRAM
Logic
Function
(2)
lcxg2
lcxg1
lcxg3
lcxg4
LCxMODE<2:0>
lcxq
LCxEN
LCx_in[0]
LCx_in[1]
LCx_in[2]
LCx_in[3]
LCx_in[4]
LCx_in[5]
LCx_in[6]
LCx_in[7]
LCx_in[8]
LCx_in[9]
LCx_in[10]
LCx_in[11]
LCx_in[12]
LCx_in[13]
LCx_in[14]
LCx_in[15]
LCxPOL
det
Interrupt
det
Interrupt
set bit
CLCxIF
LCXINTN
LCXINTP
LCxOE
TRIS Control
CLCx
to Peripherals
Q1
LCx_out
LCxOUT
MLCxOUT
DQ
Rev. 10-000025A
8/1/2013
Note 1:
See Figure 23-2.
2:
See Figure 23-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com