| Electronic Components Datasheet Search |
|
PIC16LF1503-I/SL. Datasheet(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF1503-I/SL. Datasheet(HTML) 36 Page - Microchip Technology |
|
36 / 352 page ![]() PIC16(L)F1503 DS40001607D-page 36 2011-2015 Microchip Technology Inc. 3.6.2 LINEAR DATA MEMORY The linear data memory is the region from FSR address 0x2000 to FSR address 0x29AF. This region is a virtual region that points back to the 80-byte blocks of GPR memory in all the banks. Unimplemented memory reads as 0x00. Use of the linear data memory region allows buffers to be larger than 80 bytes because incrementing the FSR beyond one bank will go directly to the GPR memory of the next bank. The 16 bytes of common memory are not included in the linear data memory region. FIGURE 3-10: LINEAR DATA MEMORY MAP 3.6.3 PROGRAM FLASH MEMORY To make constant data access easier, the entire program Flash memory is mapped to the upper half of the FSR address space. When the MSb of FSRnH is set, the lower 15 bits are the address in program memory which will be accessed through INDF. Only the lower eight bits of each memory location is accessible via INDF. Writing to the program Flash memory cannot be accomplished via the FSR/INDF interface. All instructions that access program Flash memory via the FSR/INDF interface will require one additional instruction cycle to complete. FIGURE 3-11: PROGRAM FLASH MEMORY MAP 0x020 Bank 0 0x06F 0x0A0 Bank 1 0x0EF 0x120 Bank 2 0x16F 0xF20 Bank 30 0xF6F 001 00 77 FSRnH FSRnL Location Select 0x2000 0x29AF Rev. 10-000057A 7/31/2013 0x0000 Program Flash Memory (low 8 bits) 0x7FFF 1 00 77 FSRnH FSRnL Location Select 0x8000 0xFFFF Rev. 10-000058A 7/31/2013 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |