Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1503-I/SL. Datasheet(PDF) 246 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 246 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 242Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 243Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 244Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 245Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 246Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 247Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 248Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 249Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 250Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 246
 2011-2015 Microchip Technology Inc.
REGISTER 25-3:
CWGxCON2: CWG CONTROL REGISTER 2
R/W-0/0
R/W-0/0
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
GxASE
GxARSEN
—
—
GxASDSC2
GxASDSC1
GxASDSFLT GxASDSCLC2
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
GxASE:
Auto-Shutdown Event Status bit
1
= An auto-shutdown event has occurred
0
= No auto-shutdown event has occurred
bit 6
GxARSEN:
Auto-Restart Enable bit
1
= Auto-restart is enabled
0
= Auto-restart is disabled
bit 5-4
Unimplemented:
Read as ‘0’
bit 3
GxASDSC2:
CWG Auto-shutdown on Comparator C2 Enable bit
1
= Shutdown when Comparator C2 output (C2OUT_async) is high
0
= Comparator C2 output has no effect on shutdown
bit 2
GxASDSC1:
CWG Auto-shutdown on Comparator C1 Enable bit
1
= Shutdown when Comparator C1 output (C1OUT_async) is high
0
= Comparator C1 output has no effect on shutdown
bit 1
GxASDSFLT:
CWG Auto-shutdown on FLT Enable bit
1
= Shutdown when CWG1FLT input is low
0
=CWG1FLT input has no effect on shutdown
bit 0
GxASDSCLC2:
CWG Auto-shutdown on CLC2 Enable bit
1
= Shutdown when CLC2 output (LC2_out) is high
0
= CLC2 output has no effect on shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com