Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1503-I/SL. Datasheet(PDF) 283 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 283 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 279Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 280Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 281Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 282Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 283Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 284Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 285Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 286Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 283
PIC16(L)F1503
FIGURE 28-11:
CLC PROPAGATION TIMING
TABLE 28-12: CONFIGURATION LOGIC CELL (CLC) CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max. Units
Conditions
CLC01* TCLCIN
CLC input time
—
7
—
ns
CLC02* TCLC
CLC module input to output propagation time
—
—
24
12
—
—
ns
ns
VDD = 1.8V
VDD > 3.6V
CLC03* TCLCOUT CLC output time
Rise Time
—
OS18
—
—
(Note 1)
Fall Time
—
OS19
—
—
(Note 1)
CLC04* FCLCMAX CLC maximum switching frequency
—
45
—
MHz
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
See Table 28-9 for OS18 and OS19 rise and fall times.
LCx_in[n]
(1)
CLC
Output time
CLC
Input time
LCx_out
(1)
CLCx
CLCxINn
CLC
Module
CLC01
CLC02
CLC03
LCx_in[n]
(1)
CLC
Output time
CLC
Input time
LCx_out
(1)
CLCx
CLCxINn
CLC
Module
Rev. 10-000031A
7/30/2013
Note 1:
See FIGURE 23-1:, Configurable Logic Cell Block Diagram, to identify specific CLC signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com