Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1503-I/SL. Datasheet(PDF) 290 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 290 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 286Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 287Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 288Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 289Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 290Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 291Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 292Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 293Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 290
 2011-2015 Microchip Technology Inc.
TABLE 28-17: SPI MODE REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Symbol
Characteristic
Min.
Typ†
Max. Units
Conditions
SP70* TSSL2SCH,
TSSL2SCL
SS
 to SCK or SCK input
2.25 TCY
——
ns
SP71* TSCH
SCK input high time (Slave mode)
1 TCY + 20
—
—
ns
SP72* TSCL
SCK input low time (Slave mode)
1 TCY + 20
—
—
ns
SP73* TDIV2SCH,
TDIV2SCL
Setup time of SDI data input to SCK
edge
100
—
—
ns
SP74* TSCH2DIL,
TSCL2DIL
Hold time of SDI data input to SCK
edge
100
—
—
ns
SP75* TDOR
SDO data output rise time
—
10
25
ns
3.0V
 VDD  5.5V
—25
50
ns
1.8V
 VDD  5.5V
SP76* TDOF
SDO data output fall time
—
10
25
ns
SP77* TSSH2DOZSS
 to SDO output high-impedance
10
—
50
ns
SP78* TSCR
SCK output rise time
(Master mode)
—10
25
ns
3.0V
 VDD  5.5V
—25
50
ns
1.8V
 VDD  5.5V
SP79* TSCF
SCK output fall time (Master mode)
—
10
25
ns
SP80* TSCH2DOV,
TSCL2DOV
SDO data output valid after SCK
edge
—
—
50
ns
3.0V
 VDD  5.5V
——
145
ns
1.8V
 VDD  5.5V
SP81* TDOV2SCH,
TDOV2SCL
SDO data output setup to SCK edge
1 Tcy
—
—
ns
SP82* TSSL2DOV
SDO data output valid after SS
edge
——
50
ns
SP83* TSCH2SSH,
TSCL2SSH
SS
after SCK edge
1.5 TCY + 40
—
—
ns
* These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com