Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1503-I/SL. Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 121Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 122Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 123Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 124Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 125Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 126Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 127Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 128Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 125
PIC16(L)F1503
FIGURE 15-4:
ANALOG INPUT MODEL
FIGURE 15-5:
ADC TRANSFER FUNCTION
VDD
Analog
Input pin
CPIN
5pF
VT
0.6V
VT
0.6V
ILEAKAGE
(1)
RIC
1K
Legend: CHOLD
= Sample/Hold Capacitance
CPIN
= Input Capacitance
ILEAKAGE = Leakage Current at the pin due to varies injunctions
RIC
= Interconnect Resistance
RSS
= Resistance of Sampling switch
SS
= Sampling Switch
VT
= Threshold Voltage
VA
RS
RSS
SS
Sampling
switch
CHOLD = 10 pF
Ref-
56789 10 11
2V
3V
4V
5V
6V
VDD
RSS
Sampling Switch
(k
)
Rev. 10-000070A
8/2/2013
Note 1:
Refer to Section 28.0 “Electrical Specifications”.
3FFh
3FEh
3FDh
3FCh
03h
02h
01h
00h
Full-Scale
3FBh
0.5 LSB
Ref-
Zero-Scale
Transition
Ref+
Transition
1.5 LSB
Full-Scale Range
Analog Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com