Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1503-I/SL. Datasheet(PDF) 130 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 130 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 126Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 127Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 128Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 129Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 130Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 131Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 132Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 133Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 130
 2011-2015 Microchip Technology Inc.
17.0
COMPARATOR MODULE
Comparators are used to interface analog circuits to a
digital circuit by comparing two analog voltages and
providing a digital indication of their relative magnitudes.
Comparators are very useful mixed signal building
blocks because they provide analog functionality
independent of program execution. The analog
comparator module includes the following features:
• Independent comparator control
• Programmable input selection
• Comparator output is available internally/externally
• Programmable output polarity
• Interrupt-on-change
• Wake-up from Sleep
• Programmable Speed/Power optimization
•PWM shutdown
• Programmable and fixed voltage reference
17.1
Comparator Overview
A single comparator is shown in Figure 17-2 along with
the relationship between the analog input levels and
the digital output. When the analog voltage at VIN+ is
less than the analog voltage at VIN-, the output of the
comparator is a digital low level. When the analog
voltage at VIN+ is greater than the analog voltage at
VIN-, the output of the comparator is a digital high level.
The comparators available for this device are listed in
Table 17-1.
FIGURE 17-1:
COMPARATOR MODULE SIMPLIFIED BLOCK DIAGRAM
TABLE 17-1:
AVAILABLE COMPARATORS
Device
C1
C2
PIC16(L)F1503
●●
Rev. 10-000027A
8/5/2013
000
CxIN0-
CxIN1-
CxIN2-
CxIN3-
00
01
10
11
CxIN+
FVR_buffer2
DAC_out
+
CxVN
CxVP
CxPCH<1:0>
CxNCH<2:0>
2
3
CxON
(1)
CxON
(1)
CxON
(1)
CxSP CxHYS
Interrupt
Rising
Edge
Q1
CxINTP
CxINTN
CxOUT
MCxOUT
CxOUT_async
DQ
0
1
CxSYNC
set bit
CxIF
TRIS bit
CxOUT
CxOUT_sync
to
peripherals
CxOE
-
Interrupt
Falling
Edge
FVR_buffer2
CxPOL
Cx
(From Timer1 Module) T1CLK
001
010
011
100
DQ
to
peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com