Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1503-I/SL. Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 151Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 152Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 153Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 154Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 155Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 156Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 157Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 158Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 155
PIC16(L)F1503
The I2C interface supports the following modes and
features:
•Master mode
• Slave mode
• Byte NACKing (Slave mode)
• Limited Multi-master support
• 7-bit and 10-bit addressing
• Start and Stop interrupts
• Interrupt masking
• Clock stretching
• Bus collision detection
• General call address matching
•Address masking
• Address Hold and Data Hold modes
• Selectable SDAx hold times
Figure 21-2 is a block diagram of the I2C interface mod-
ule in Master mode. Figure 21-3 is a diagram of the I2C
interface module in Slave mode.
FIGURE 21-2:
MSSPX BLOCK DIAGRAM (I2C™ MASTER MODE)
Note 1:
In devices with more than one MSSP
module, it is very important to pay close
attention to SSPxCONx register names.
SSPxCON1 and SSPxCON2 registers
control different operational aspects of
the same module, while SSPxCON1 and
SSP2CON1 control the same features for
two different modules.
2:
Throughout this section, generic refer-
ences to an MSSPx module in any of its
operating modes may be interpreted as
being equally applicable to MSSPx or
MSSP2. Register names, module I/O sig-
nals, and bit names may use the generic
designator ‘x’ to indicate the use of a
numeral to distinguish a particular mod-
ule when required.
Read
Write
SSPxBUF
8
8
SSPxSR
8
Internal data
bus
Start bit, Stop bit,
Acknowledge
Generate
(SSPxCON2)
Baud Rate
Generator
(SSPxADD)
Shift clock
Start bit detected
Stop bit detected
Write collsion detect
Clock arbitration
State counter for end
of XMIT/RCV
Address match detect
SCLx in
Bus collision
MSb
LSb
SDAx
SCLx
SDAx in
Set/Reset: S, P, SSPxSTAT,
WCOL, SSPOV
Reset SEN, PEN (SSPxCON2)
Set SSPxIF, BCLxIF
4
[SSPM <3:0>]
Rev. 10-000077A
7/30/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com