Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ256GA704 Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC24FJ256GA704
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA704 Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC24FJ256GA704 Datasheet HTML 65Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 66Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 67Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 68Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 69Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 70Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 71Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 72Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 69
PIC24FJ256GA705 FAMILY
REGISTER 5-3:
DMAINTn: DMA CHANNEL n INTERRUPT REGISTER
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DBUFWF(1)
CHSEL6
CHSEL5
CHSEL4
CHSEL3
CHSEL2
CHSEL1
CHSEL0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
HIGHIF(1,2)
LOWIF(1,2)
DONEIF(1)
HALFIF(1)
OVRUNIF(1)
—
—HALFEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
DBUFWF:
DMA Buffered Data Write Flag bit(1)
1
= The content of the DMA buffer has not been written to the location specified in DMADSTn or
DMASRCn in Null Write mode
0
= The content of the DMA buffer has been written to the location specified in DMADSTn or DMASRCn
in Null Write mode
bit 14-8
CHSEL<6:0>:
DMA Channel Trigger Selection bits
See Table 5-1 for a complete list.
bit 7
HIGHIF:
DMA High Address Limit Interrupt Flag bit(1,2)
1
= The DMA channel has attempted to access an address higher than DMAH or the upper limit of the
data RAM space
0
= The DMA channel has not invoked the high address limit interrupt
bit 6
LOWIF:
DMA Low Address Limit Interrupt Flag bit(1,2)
1
= The DMA channel has attempted to access the DMA SFR address lower than DMAL, but above
the SFR range (07FFh)
0
= The DMA channel has not invoked the low address limit interrupt
bit 5
DONEIF:
DMA Complete Operation Interrupt Flag bit(1)
If CHEN = 1:
1
= The previous DMA session has ended with completion
0
= The current DMA session has not yet completed
If CHEN = 0:
1
= The previous DMA session has ended with completion
0
= The previous DMA session has ended without completion
bit 4
HALFIF:
DMA 50% Watermark Level Interrupt Flag bit(1)
1
= DMACNTn has reached the halfway point to 0000h
0
= DMACNTn has not reached the halfway point
bit 3
OVRUNIF:
DMA Channel Overrun Flag bit(1)
1
= The DMA channel is triggered while it is still completing the operation based on the previous trigger
0
= The overrun condition has not occurred
bit 2-1
Unimplemented:
Read as ‘0’
bit 0
HALFEN:
Halfway Completion Watermark bit
1
= Interrupts are invoked when DMACNTn has reached its halfway point and at completion
0
= An interrupt is invoked only at the completion of the transfer
Note 1:
Setting these flags in software does not generate an interrupt.
2:
Testing for address limit violations (DMASRCn or DMADSTn is either greater than DMAH or less than
DMAL) is NOT done before the actual access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com