Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0911/02/P Datasheet(PDF) 5 Page - Bulgin Limited. All rights reserved.

Part # PX0911/02/P
Description  900 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0911/02/P Datasheet(HTML) 5 Page - Bulgin Limited. All rights reserved.

  PX0911/02/P Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0911/02/P Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Buccaneer for Power 18
Specifications
BUCCANEER FOR POWER
900 Series Buccaneer
No Poles:
2, 3
4, 5
7
10†
Current Rating:
32A
32A
32A
10A
30A, CSA
25A, CSA
25A, CSA*
UL
Voltage Rating:
600V ac/dc
600V ac/dc 430V ac/dc 250V ac/dc
Contact Resistance:
<10m Ω (initial)
Insulation Resistance:
>10⁶MΩ (@ 500V dc)
Dielectric strength:
2.2kV ac min
AC Breakdown voltage: 6kV
Operating
Temperature Range:
–40°C to +85°C
Approvals:
-
Electrical
*with 75ºC min. rated cable
Material
Body Mouldings:
Polyamide
Flammability Rating:
UL94V-0
UV Resistance:
To EN50021: 1999
Contacts:
Machined Solid Brass, Nickel plated
O Rings:
Nitrile
Panel Sealing Gasket:
Silicone Rubber
RoHS
Compliant
Contact Layout
2 pole
3 pole
4 pole
5 pole
7 pole
10 pole
Dimensions
Overall dimensions of connectors when mated together
PX0911 + PX0921 230 mm max.
PXA911 + PXA921 270 mm max.
PX0911 + PX0931 135 mm max. (to panel)
PXA911 + PX0931 175 mm max. (to panel)
PX0911 + PX0941 145 mm max.
(to panel, mid point on flange)
PXA911 + PX0941 174 mm max.
(to panel, mid point on flange)
Mechanical:
Sealing:
Cable Acceptance:
Salt Mist:
Contact Accommodation:
Termination:
Cable Retention force:
Gland Nut Torques:
PX0 range
13-15mm (Yellow - std.)
11-13mm (black)
7-9mm (dark grey)
PXA range
20-22mm (Yellow - std.)
18-20mm (black)
16-18mm (white)
14-16mm (dark grey)
Panel mount nut
Flange & Bulkhead
fixing screws
Inserts into Bodies
Term screws - 2 to 5 poles
Term screws - 7 pole
Term screws - 10 pole
Tightening Torques:
Rear thread PX0931 series
EN60529:1992+A2:2013 tested @
1.054kg/sq.cm. (15lb/sq.in.) 10m depth for
2 weeks
PX0911-PX0921 13 - 15mm O/D standard,
7-13mm with gland pack
PXA911-PXA921 20 - 22mm O/D standard,
14 - 20mm with gland pack
EN60068-2-52 Test Kb Salt Mist (Cyclic) Marine
Severity Level 1
2-7 pole - 2.5 to 4mm2 (13 to10AWG)
conductor, single or multi stranded
10 pole - 0.75 to 2mm2 (14 to 18AWG)
conductor, single or multi stranded
Axial screw terminals
22mm dia, 150N
15mm dia, 150N
7mm dia, 80N
3.16Nm (28 lbf.in.)
3.16Nm (28 lbf.in.)
3.16Nm (28 lbf.in.)
3.16Nm (28 lbf.in.)
3.16Nm (28 lbf.in.)
3.16Nm (28 lbf.in.)
3.16Nm (28 lbf.in.)
2.25Nm (20 lbf.in.)
0.9Nm (8 lbf.in.)
1.13Nm (10 lbf.in.) to 1.36Nm (12 lbf.in.)
1.0Nm (9 lbf.in.) max
0.4Nm (3.5 lbf.in.) max
0.25Nm (2.2 lbf.in.) max
M36 x 2-6g
E214972
1211899
40003148
2011010203500396 – 10 Amp Rated
2011010203500396 – 32 Amp Rated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com