Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXP7010/02P/ST Datasheet(PDF) 6 Page - Bulgin Limited. All rights reserved.

Part # PXP7010/02P/ST
Description  7000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP7010/02P/ST Datasheet(HTML) 6 Page - Bulgin Limited. All rights reserved.

  PXP7010/02P/ST Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXP7010/02P/ST Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Buccaneer for Power 52
Part No System
BUCCANEER FOR POWER
7000 Series Buccaneer
Series Designation Series / Body Style No. of Contacts
Contacts Type
Terminations
Cable Entry Size
PXM= Metal Series
PXP= Plastic Series
7010 = Flex
7011 = Flex In-Line
7012 = Panel
02 = 2 Pole
03 = 3 Pole
06 = 6 Pole
10 = 10 Pole
32 = 32 Pole
P = Pin
S = Socket
ST = Screw Terminal
(2, 3, & 6 pole only)
CR = Contacts
Required (10 & 32
pole only)
(for Flex and Flex In-
Line connectors only)
0507 = 5-7mm
(grey)
0709 = 7-9mm
(white)
0911 = 9-11mm
(black)
1113 = 11 to 13 mm
(yellow)
1315 = 13 to 15 mm
(light grey)
Examples
PXX
7XXX
XX
XX
X
XX
XXXX
Cable Brand Termination Accessory
(for Flex and Flex In-Line connectors only)
SN - If requires
Blank - If not required
PXM7010/10/P/CR/0911/SN= Flex cable connector, 10 pole, pin contacts with
9 to 11mm cable glands and braid termination accessory
PXM7012/03/S/ST= Front panel mounting connector, 3 pole, socket with screw termination



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com