Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXM7011/03P/ST Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # PXM7011/03P/ST
Description  7000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXM7011/03P/ST Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PXM7011/03P/ST Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXM7011/03P/ST Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXM7011/03P/ST Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXM7011/03P/ST Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXM7011/03P/ST Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXM7011/03P/ST Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXM7011/03P/ST Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXM7011/03P/ST Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
47 Buccaneer for Power
7000 Series Buccaneer
The all plastic and metal construction of the
7000 Series Buccaneer - circular connectors
that combine the ease of use of a quick coupling
mechanism with proven environmental sealing for
signal and mains power.
Designed and independently tested to IP66, IP68 & IP69K standards, they
are ideal for applications where ingress of dust and water must be avoided
and where ease of connection, space and appearance are
important considerations.
Less than 1/4 Turn locking mechanism
Secure, quick connector mating and release
Positive feedback on locking mechanism
Confidence that connector is correctly mated and sealed
IP66, IP68 and IP69K when mated
Suitable for a wide range of dust and water borne environments
All plastic body version; UL94-V0 rated, UV stable,
halogen free
Light-weight, self-extinguishing material suitable for long-term
outdoor use
Flex, flex in-line & panel mount body styles,with sealing caps
Complete family of products maintain sealing integrity in all styles
Polarisation and visual alignment features
Aids the correct mating of connectors
2 to 32 poles – up to 25A, 600V rated
Suitable for mains power to signal applications
‘Scoop proof’ contacts
Prevents damage through mis-mating – ideal for ‘blind mating’
applications
cULs, UL, VDE
approvals Internationally recognised certification (pending)
Screw, Crimp and Solder terminations available
EN60068-2-52 Test Kb Salt Mist (Cyclic)
Marine Severity Level 1


Similar Part No. - PXM7011/03P/ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PXM78 ETC-PXM78 Datasheet
245Kb / 1P
SUBMERSIBLE PRESSURE TRANSMITTER For Level and Depth Measurement Standard and metric models
PXM78U7-001BARGI ETC-PXM78U7-001BARGI Datasheet
245Kb / 1P
SUBMERSIBLE PRESSURE TRANSMITTER For Level and Depth Measurement Standard and metric models
PXM78U7-275MBARGI ETC-PXM78U7-275MBARGI Datasheet
245Kb / 1P
SUBMERSIBLE PRESSURE TRANSMITTER For Level and Depth Measurement Standard and metric models
PXM78U7-350MBARGI ETC-PXM78U7-350MBARGI Datasheet
245Kb / 1P
SUBMERSIBLE PRESSURE TRANSMITTER For Level and Depth Measurement Standard and metric models
PXM78U7-700MBARGI ETC-PXM78U7-700MBARGI Datasheet
245Kb / 1P
SUBMERSIBLE PRESSURE TRANSMITTER For Level and Depth Measurement Standard and metric models
More results

Similar Description - PXM7011/03P/ST

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7000-2B-380 MACOM-7000-2B-380 Datasheet
308Kb / 1P
7000 Series Frequency Sensor
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
Buccaneer Antenna
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
IP68 Sealed - Mini USB Buccaneer
logo
List of Unclassifed Man...
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
Mini Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
BUCCANEER FOR POWER
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
SMB Buccaneer
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
400 Series Buccaneer
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
4000 Series Buccaneer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com