Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC5905PAP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC5905PAP
Description  LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5905PAP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5905PAP Datasheet HTML 2Page - Texas Instruments TLC5905PAP Datasheet HTML 3Page - Texas Instruments TLC5905PAP Datasheet HTML 4Page - Texas Instruments TLC5905PAP Datasheet HTML 5Page - Texas Instruments TLC5905PAP Datasheet HTML 6Page - Texas Instruments TLC5905PAP Datasheet HTML 7Page - Texas Instruments TLC5905PAP Datasheet HTML 8Page - Texas Instruments TLC5905PAP Datasheet HTML 9Page - Texas Instruments TLC5905PAP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TLC5905
LED DRIVER
SLLS401 – NOVEMBER 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BCENA
55
I
Brightness control enable. When BCENA is low, the brightness control latch is set to the
default value. The output current value in this status is 100% of the value set by an external
resistor. The frequency division ratio of GSCLK is1/1. When BCENA is high, writing to
brightness control latch is enabled.
BLANK
45
I
Blank(Light off). When BLANK is high, all the output of the constant current driver is turned
off. The constant current output is turned on (LED on) when synchronized to the falling edge
of GCLK after next rising edge of GCLK when BLANK goes from high to low.
BOUT
34
O
Blank signal delay. BOUT is an output with the addition of delay time to BLANK.
GSCLK
46
I
Clock input for gray scale. The gray scale display is accomplished by lighting the LED on until
the number of GSCLK counted is equal to data latched.
GNDANA
28
Analog ground (internally connected to GNDLOG and GNDLED)
GNDLED
3,6,11,14,
19,22,59,62
LED driver ground (internally connected to GNDANA and GNDLOG)
GNDLOG
54
Logic ground (internally connected to GNDANA and GNDLED)
GSOUT
33
O
Clock delay for gray scale. GSOUT is an output with the addition of delay time to GSCLK.
IREF
25
I/O
Constant current value setting. LED current is set to the desired value by connecting an
external resistor between IREF and GND. The 37 times current is compared to current across
the external resistor sink on the output terminal.
MCENA
31
I
OVM enable. When MCENA is low, the OVM latch is set to the default value. The comparison
voltage in this status is 0.3 V. When MCENA is high, writing to OVM latch is enabled.
MODE
53
I
8/16 bits select. When MODE is high, the 16 bits output is selected. When MODE is low, the
8 bits output is selected.
NC
1,7,10,16,17,24,
29,50,56,57,64
No internal connection
OUT0 – OUT15
58,60,61,63,
2,4,5,8,9,12,13
15,18,20,21,23
O
Constant current output
RSEL0
RSEL1
43
44
I
Shift register data latch switching.
When RSEL1 is low and RESL0 is low, gray scale data shift register latch is selected.
When RSEL1 is low and RESL0 is high, the brightness control register latch is selected.
When RSEL1 is high and RSEL0 is low, the OVM register latch is selected.
When RSEL1 is high and RSEL0 high, no register latch is selected.
SCLK
42
I
Clock input for data transfer. The input data is from SIN. All data on the shift register selected
by RSEL0 and RSEL1, and output data at SOUT are sifted by 1 bit synchronizing to SCLK.
The data except the SOUT is synchronized to the rising edge. The edge for data from SOUT
is determined by the level of SOMODE.
SIN
49
I
Input for 1 bit serial data. These terminals are inputs for shift register for gray scale data,
brightness control and OVM. The register selected is determined by RSEL0, 1.
SOMODE
47
I
Timing select for data output. When SOMODE is low, SOUT is changed by synchronizing to
the rising edge of SCLK. When SOMODE is high, SOUT is changed by synchronizing to the
falling edge of SCLK.
SOUT
32
O
Output for 1 bit serial data with 3–state. These terminals are outputs for shift register for gray
scale data, brightness control and OVM. The register selected is determined by RSEL0, 1.
TEST1
TEST2
35
48
I
TEST. Factory test terminal. TEST1 and TEST2 should be connected to GND for normal
operation.
THERMAL PAD
package bottom
Heat sink pad. This pad is connected to the lowest potential IC or thermal layer.
TSENA
51
I
TSD (thermal shutdown) enable. When TSENA is high, TSD is enabled. When TSENA is low,
TSD is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com