Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE2027-EP Datasheet(PDF) 21 Page - Texas Instruments

Part # TLE2027-EP
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027-EP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLE2027-EP Datasheet HTML 17Page - Texas Instruments TLE2027-EP Datasheet HTML 18Page - Texas Instruments TLE2027-EP Datasheet HTML 19Page - Texas Instruments TLE2027-EP Datasheet HTML 20Page - Texas Instruments TLE2027-EP Datasheet HTML 21Page - Texas Instruments TLE2027-EP Datasheet HTML 22Page - Texas Instruments TLE2027-EP Datasheet HTML 23Page - Texas Instruments TLE2027-EP Datasheet HTML 24Page - Texas Instruments TLE2027-EP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
www.ti.com
APPLICATION INFORMATION
Input Offset Voltage Nulling
4.7kW
1kW
V
CC+
OUT
IN-
IN+
V
CC-
+
-
4.7kW
-
+
V
CC-
OUT
V
CC+
10kW
IN-
IN+
(a)STANDARD ADJUSTMENT
(b) ADJUSTMENTWITHIMPROVEDSENSITIVITY
Voltage-Follower Applications
R
F
I
1mA
F £
-
+
V
I
V
O
V
CC-
V
CC
C =20to50pF
F
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
The TLE2027 series offers external null pins that can be used to further reduce the input offset voltage. The
circuits of Figure 45 can be connected as shown if the feature is desired. If external nulling is not needed, the
null pins may be left disconnected.
Figure 45. Input Offset Voltage Nulling Circuits
The TLE2027 circuitry includes input-protection diodes to limit the voltage across the input transistors; however,
no provision is made in the circuit to limit the current if these diodes are forward biased. This condition can occur
when the device is operated in the voltage-follower configuration and driven with a fast, large-signal pulse. It is
recommended that a feedback resistor be used to limit the current to a maximum of 1 mA to prevent degradation
of the device. Also, this feedback resistor forms a pole with the input capacitance of the device. For feedback
resistor values greater than 10 k
Ω, this pole degrades the amplifier phase margin. This problem can be
alleviated by adding a capacitor (20 pF to 50 pF) in parallel with the feedback resistor (see Figure 46).
Figure 46. Voltage Follower
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com