Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE2037A Datasheet(PDF) 10 Page - Texas Instruments

Part # TLE2037A
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2037A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLE2037A Datasheet HTML 6Page - Texas Instruments TLE2037A Datasheet HTML 7Page - Texas Instruments TLE2037A Datasheet HTML 8Page - Texas Instruments TLE2037A Datasheet HTML 9Page - Texas Instruments TLE2037A Datasheet HTML 10Page - Texas Instruments TLE2037A Datasheet HTML 11Page - Texas Instruments TLE2037A Datasheet HTML 12Page - Texas Instruments TLE2037A Datasheet HTML 13Page - Texas Instruments TLE2037A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TLE2027Q1, TLE2037Q1, TLE2027AQ1, TLE2037AQ1
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SGLS202A − OCTOBER 2003 – REVISED OCTOBER 2006
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
VIO − Input Offset Voltage − µV
TA = 25°C
VCC
± = +15 V
16
14
12
10
8
6
4
2
0
120
90
60
30
−30
−60
−90
− 120
0
D Package
1568 Amplifiers Tested From 2 Wafer Lots
DISTRIBUTION
INPUT OFFSET VOLTAGE
Figure 7
INPUT OFFSET VOLTAGE CHANGE
vs
TIME AFTER POWER ON
0
0
t − Time After Power On − s
10
20
30
40
50
60
2
4
6
8
10
12
50 Amplifiers Tested From 2 Wafer Lots
VCC
± = ±15 V
TA = 25°C
D Package
Figure 8
t − Time After Power On − s
INPUT OFFSET VOLTAGE CHANGE
vs
TIME AFTER POWER ON
6
5
4
3
2
1
0
0
20
40
60
80
100 120 140 160 180
50 Amplifiers Tested From 2 Wafer Lots
VCC
± = ±15 V
TA = 25°C
P Package
Figure 9
0
5
10
15
20
25
30
150
125
100
75
50
25
0
−25
−50
TA − Free-Air Temperature − °C
−75
INPUT OFFSET CURRENT †
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
VIC = 0
Sample Size = 833 Units
From 2 Wafer Lots
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com