Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9105D095ML Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9105D095ML
Description  Ceramic Capacitor Compatible, Step-up DC/DC Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9105D095ML Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9105D095ML Datasheet HTML 2Page - Torex Semiconductor XC9105D095ML Datasheet HTML 3Page - Torex Semiconductor XC9105D095ML Datasheet HTML 4Page - Torex Semiconductor XC9105D095ML Datasheet HTML 5Page - Torex Semiconductor XC9105D095ML Datasheet HTML 6Page - Torex Semiconductor XC9105D095ML Datasheet HTML 7Page - Torex Semiconductor XC9105D095ML Datasheet HTML 8Page - Torex Semiconductor XC9105D095ML Datasheet HTML 9Page - Torex Semiconductor XC9105D095ML Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/23
XC9103/XC9104/XC9105 Series
■ TYPICAL APPLICATION CIRCUIT
■NOTES ON USE
When obtaining VDD from a source other than VOUT,
please insert a capacitor CIN between the VDD pin and the
GND pin in order to provide stable operations.
Please place CL and CIN as close as to the VOUT and VDD
pins respectively and also close to the GND pin.
Strengthen the wiring sufficiently. RSENSE should be
removed and shorted when the CL capacitor except for
ceramic or low ESR capacitor is used.
Insert RB and CB when using a bipolar
NPN Transistor.
SCE
SPWM
CONDITIONS
ON
−
Chip Disable
OFF
ON
Duty=25%, PWM/PFM automatic switching
OFF
OFF
PWM
By using external signals, the control of the XC9105 series can be
alternated between PWM control and PWM/PFM automatic switching
control. By inputting a voltage of more than VDD -0.2V to the CE/PWM
pin, PWM control can be selected.
On the other hand, PWM/PFM
automatic switching control can be selected by inputting a voltage of less
than VDD -1.0V.
With the XC9105, by connecting resistors of the same value (RM1, RM2) as
shown in the diagram to the left, it is possible to obtain chip disable with
SCE ON and, SPWM ON or OFF, PWM/PFM auto switching at Duty=25%
with SCE OFF & SPWM ON, & PFM control with both switches OFF.
Note:
When operating at VDD -1.8V and below (stepping-up from VIN=0.9V), it is
necessary to pull-up to VDD in order to allow the CE/PWM pin reach the
VCEH voltage level. Please make sure that the IC is in PWM control
(SPWM=OFF) when operations start. If SPWM is ON, there are times when
chip enable might not operate.
* Please select your external components carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com