Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9504B092CAL Datasheet(PDF) 39 Page - Torex Semiconductor

Part # XC9504B092CAL
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504B092CAL Datasheet(HTML) 39 Page - Torex Semiconductor

Back Button XC9504B092CAL Datasheet HTML 35Page - Torex Semiconductor XC9504B092CAL Datasheet HTML 36Page - Torex Semiconductor XC9504B092CAL Datasheet HTML 37Page - Torex Semiconductor XC9504B092CAL Datasheet HTML 38Page - Torex Semiconductor XC9504B092CAL Datasheet HTML 39Page - Torex Semiconductor XC9504B092CAL Datasheet HTML 40Page - Torex Semiconductor XC9504B092CAL Datasheet HTML 41Page - Torex Semiconductor XC9504B092CAL Datasheet HTML 42Page - Torex Semiconductor XC9504B092CAL Datasheet HTML 43Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
39/53
XC9504
Series
XC9504B092 (180kHz)
0
10
20
30
40
50
02
4
6
8
10
Supply Voltage VDD (V)
Topr=85℃
25℃
- 40℃
XC9504B092 (180kHz)
0
10
20
30
40
50
60
02
46
8
10
Supply Voltage VDD (V)
Topr=85℃
25℃
- 40℃
(14) PWM1, 2 'H''L' Voltage vs. Supply Voltage
(15) EN1, 2 'H''L' Voltage vs. Supply Voltage
(16) Maximum Duty Ratio 1, 2 vs. Supply Voltage
(17) Soft-Start Time 1 vs. Supply Voltage
(18) EXT1, 2 High ON Resistance vs. Supply Voltage
(19) EXT1, 2 Low ON Resistance vs. Supply Voltage
XC9504B092 (180kHz)
0
0.2
0.4
0.6
0.8
02468
10
Supply Voltage VDD (V)
Topr=25℃
85℃
- 40℃
XC9504B092 (180kHz)
0
0.2
0.4
0.6
0.8
02
4
6
8
10
Supply Voltage VDD (V)
Topr=25℃
85℃
- 40℃
XC9504B092 (180kHz)
65
70
75
80
85
90
024
68
10
Supply Voltage VDD (V)
Topr=85℃
25℃
- 40℃
XC9504B092 (180kHz)
0
5
10
15
20
25
02
46
8
10
Supply Voltage VDD (V)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com