Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC393/339 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC393/339
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC393/339 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC393/339 Datasheet HTML 4Page - Texas Instruments TLC393/339 Datasheet HTML 5Page - Texas Instruments TLC393/339 Datasheet HTML 6Page - Texas Instruments TLC393/339 Datasheet HTML 7Page - Texas Instruments TLC393/339 Datasheet HTML 8Page - Texas Instruments TLC393/339 Datasheet HTML 9Page - Texas Instruments TLC393/339 Datasheet HTML 10Page - Texas Instruments TLC393/339 Datasheet HTML 11Page - Texas Instruments TLC393/339 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TLV3701-Q1
TLV3702-Q1
TLV3704-Q1
SGLS154E − NOVEMBER 2000 − REVISED MAY 2010
8
www.ti.com
TYPICAL CHARACTERISTICS
Figure 15
0
2
4
6
8
10
12
14
16
0 25 50 75 100 125150175 200225250 275300
−0.12
−0.08
−0.04
0
0.04
t − Time −
µs
LOW-TO-HIGH LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
10 mV
2 mV
VCC = 15 V
CL = 10 pF
TA = 25°C
50 mV
Figure 16
0
2
4
6
8
10
12
14
16
0
50
100 150 200 250 300 350 400
−0.04
0
0.04
0.08
0.12
t − Time −
µs
HIGH-TO-LOW LEVEL OUTPUT RESPONSE
FOR VARIOUS INPUT OVERDRIVES
10 mV
50 mV
2 mV
VCC = 15 V
CL = 10 pF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com