Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP101NA/250 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMP101NA/250
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP101NA/250 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP101NA/250 Datasheet HTML 11Page - Texas Instruments TMP101NA/250 Datasheet HTML 12Page - Texas Instruments TMP101NA/250 Datasheet HTML 13Page - Texas Instruments TMP101NA/250 Datasheet HTML 14Page - Texas Instruments TMP101NA/250 Datasheet HTML 15Page - Texas Instruments TMP101NA/250 Datasheet HTML 16Page - Texas Instruments TMP101NA/250 Datasheet HTML 17Page - Texas Instruments TMP101NA/250 Datasheet HTML 18Page - Texas Instruments TMP101NA/250 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
TMP100, TMP101
www.ti.com
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
7.5 Programming
7.5.1 Pointer Register
Figure 10 shows the internal register structure of the TMP100 and TMP101 devices. The 8-bit Pointer Register of
the TMP100 and TMP101 devices is used to address a given data register. The Pointer Register uses the two
LSBs to identify which of the data registers respond to a read or write command. Table 4 identifies the bits of the
Pointer Register byte. Table 5 describes the pointer address of the registers available in the TMP100 and
TMP101 devices. The power-up reset value of P1 and P0 is 00.
Figure 10. Internal Register Structure of the TMP100 and TMP101
7.5.1.1 Pointer Register Byte (pointer = N/A) [reset = 00h]
Table 4. Pointer Register Byte
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
7.5.1.2 Pointer Addresses of the TMP100 and TMP101 Registers
Table 5. Pointer Addresses of the TMP100 and TMP101 Registers
P1
P0
TYPE
REGISTER
0
0
R only, default
Temperature Register
0
1
R/W
Configuration Register
1
0
R/W
TLOW Register
1
1
R/W
THIGH Register
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com