Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP116 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMP116
Description  TMP116 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP116 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 12Page - Texas Instruments TMP116 Datasheet HTML 13Page - Texas Instruments TMP116 Datasheet HTML 14Page - Texas Instruments TMP116 Datasheet HTML 15Page - Texas Instruments TMP116 Datasheet HTML 16Page - Texas Instruments TMP116 Datasheet HTML 17Page - Texas Instruments TMP116 Datasheet HTML 18Page - Texas Instruments TMP116 Datasheet HTML 19Page - Texas Instruments TMP116 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
High temperature limit
Low temperature limit
Temperature
Temperature conversions
HIGH_Alert Status Flag
I
2C Read
ALERT pin (POL = 0)
16
TMP116, TMP116N
SBOS740A – MAY 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TMP116
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.2.2 Therm Mode
When the T/nA bit in the configuration register is set to 1 the device is in therm mode. In this mode, the device
compares the conversion result at the end of every conversion with the values in the low limit register and high
limit register and sets the HIGH_Alert status flag in the configuration register if the temperature exceeds the
value in the high limit register. When set, the device clears the HIGH_Alert status flag if the conversion result
goes below the value in the low limit register. Thus, the difference between the high and low limits effectively acts
like a hysteresis. In this mode, the LOW_Alert status flag is disabled and always reads 0. Unlike the alert mode,
I2C reads of the configuration register do not affect the status bits. The HIGH_Alert status flag is only set or
cleared at the end of conversions based on the value of the temperature result compared to the high and low
limits.
As in alert mode, configuring the device in therm mode also affects the behaviour of the ALERT pin. In this
mode, the device asserts the ALERT pin if the HIGH_Alert status flag is set and deasserts the ALERT pin when
the HIGH_Alert status flag is cleared. In therm mode, the ALERT pin cannot be cleared by performing an I2C
read of the configuration register or by performing an SMBus alert response command. As in alert mode, the
polarity of the active state of the ALERT pin can be changed by using the POL bit setting in the configuration
register.
Thus, this mode effectively makes the device behave like a high-limit threshold detector and can be used in
applications where detecting if the temperature has gone above a desired threshold is needed. Figure 24 shows
a timing diagram of this mode.
Figure 24. Therm Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com