Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP101NA/3K.B Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP101NA/3K.B
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP101NA/3K.B Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP101NA/3K.B Datasheet HTML 13Page - Texas Instruments TMP101NA/3K.B Datasheet HTML 14Page - Texas Instruments TMP101NA/3K.B Datasheet HTML 15Page - Texas Instruments TMP101NA/3K.B Datasheet HTML 16Page - Texas Instruments TMP101NA/3K.B Datasheet HTML 17Page - Texas Instruments TMP101NA/3K.B Datasheet HTML 18Page - Texas Instruments TMP101NA/3K.B Datasheet HTML 19Page - Texas Instruments TMP101NA/3K.B Datasheet HTML 20Page - Texas Instruments TMP101NA/3K.B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Measured
Temperature
T
HIGH
TLOW
TMP101 ALERT PIN
(Comparator Mode)
POL = 0
TMP101 ALERT PIN
(Interrupt Mode)
POL = 0
TMP101 ALERT PIN
(Comparator Mode)
POL = 1
TMP101 ALERT PIN
(Interrupt Mode)
POL = 1
Read
Read
Time
Read
TMP100, TMP101
www.ti.com
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
Figure 11. Output Transfer Function Diagrams
7.5.3.4 Fault Queue (F1, F0)
A fault condition occurs when the measured temperature exceeds the user-defined limits set in the THIGH and
TLOW Registers. Additionally, the number of fault conditions required to generate an alert can be programmed
using the Fault Queue. The Fault Queue is provided to prevent a false alert resulting from environmental noise.
The Fault Queue requires consecutive fault measurements in order to trigger the alert function. If the temperature
falls below TLOW before reaching the number of programmed consecutive faults limit, the count is reset to 0.
Table 9 defines the number of measured faults that can be programmed to trigger an alert condition in the
device.
Table 9. Fault Settings of the TMP100 and TMP101
F1
F0
CONSECUTIVE FAULTS
0
0
1
0
1
2
1
0
4
1
1
6
7.5.3.5 Converter Resolution (R1, R0)
The Converter Resolution bits control the resolution of the internal analog-to-digital converter (ADC), thus
allowing the user to maximize efficiency by programming for higher resolution or faster conversion time. Table 10
identifies the Resolution bits and the relationship between resolution and conversion time.
Table 10. Resolution of the TMP100 and TMP101
CONVERSION TIME
R1
R0
RESOLUTION
(Typical)
0
0
9 bits (0.5°C)
40 ms
0
1
10 bits (0.25°C)
80 ms
1
0
11 bits (0.125°C)
160 ms
1
1
12 bits (0.0625°C)
320 ms
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com