Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP108AIYFFR Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP108AIYFFR
Description  TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP108AIYFFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP108AIYFFR Datasheet HTML 7Page - Texas Instruments TMP108AIYFFR Datasheet HTML 8Page - Texas Instruments TMP108AIYFFR Datasheet HTML 9Page - Texas Instruments TMP108AIYFFR Datasheet HTML 10Page - Texas Instruments TMP108AIYFFR Datasheet HTML 11Page - Texas Instruments TMP108AIYFFR Datasheet HTML 12Page - Texas Instruments TMP108AIYFFR Datasheet HTML 13Page - Texas Instruments TMP108AIYFFR Datasheet HTML 14Page - Texas Instruments TMP108AIYFFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
TMP108
www.ti.com
SBOS663A – APRIL 2013 – REVISED SEPTEMBER 2019
Product Folder Links: TMP108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
If multiple devices on the bus respond to the SMBus alert command, arbitration during the slave address portion
of the SMBus alert command determines which device clears its alert status first. If the TMP108 wins the
arbitration, its ALERT pin becomes inactive at the completion of the SMBus alert command. If the TMP108 loses
the arbitration, its ALERT pin remains active.
7.3.7 General Call
The TMP108 responds to a two-wire general call address (0000000) if the eighth bit is 0. The device
acknowledges the general call address and responds to commands in the second byte. If the second byte is
00000100, the TMP108 latches the status of the address pin, but does not reset. If the second byte is 00000110,
the TMP108 internal registers are reset to power-up values. The TMP108 does not support the general address
acquire command.
7.3.8 High-Speed (Hs) Mode
In order for the two-wire bus to operate at frequencies above 400 kHz, the master device must issue an SMBus
Hs-mode master code (00001xxx) as the first byte after a start condition to switch the bus to high-speed
operation. The TMP108 does not acknowledge this byte, but does switch its input filters on SDA and SCL and its
output filters on SDA to operate in Hs-mode, allowing transfers at up to 3.4 MHz. After the Hs-mode master code
has been issued, the master transmits a two-wire slave address to initiate a data-transfer operation. The bus
continues to operate in Hs-mode until a stop condition occurs on the bus. Upon receiving the stop condition, the
TMP108 switches the input and output filters back to fast-mode operation.
7.3.9 Timeout Function
The TMP108 resets the serial interface if SCL or SDA are held low for 28 ms (typical) between a start and stop
condition. If the TMP108 is pulled low, it releases the bus and then waits for a start condition. To avoid activating
the timeout function, it is necessary to maintain a communication speed of at least 1 kHz for the SCL operating
frequency.
7.4 Device Functional Modes
The mode bits, M1 and M0, can be set to three different modes: shutdown, one-shot, or continuous conversion.
7.4.1 Shutdown Mode (M1 = 0, M0 = 0)
Shutdown mode saves power by shutting down all device circuitry other than the serial interface, thus reducing
current consumption to typically less than 0.5 μA. Shutdown mode is enabled when M1 and M0 = 00. The device
shuts down when current conversion is completed.
7.4.2 One-Shot Mode (M1 = 0, M0 = 1)
The TMP108 features a one-shot temperature measurement mode. When the device is in shutdown mode,
writing a ‘01’ to the M1 and M0 bits starts a single temperature conversion. During the conversion, the M1 and
M0 bits reads 01. The device returns to the shutdown state at the completion of the single conversion. After the
conversion, the M1 and M0 bits read 00. This feature is useful for reducing the power consumption of the
TMP108 when continuous temperature monitoring is not required.
As a result of the short conversion time, the TMP108 can achieve a higher conversion rate. A single conversion
typically takes 27 ms and a read can take place in less than 20 μs. However, when using one-shot mode, 30 or
more conversions per second are possible.
7.4.3 Continuous Conversion Mode (M1 = 1)
When the TMP108 is in continuous conversion mode (M1 = 1), a single conversion is performed at a rate
determined by the conversion rate bits (CR1 and CR0 in the configuration register). The TMP108 performs a
single conversion, and then goes in standby and waits for the appropriate delay set by the CR1 and CR0 bits.
See Table 10 for CR1 and CR0 settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com