Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W39V080APZ Datasheet(PDF) 3 Page - Winbond

Part # W39V080APZ
Description  1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080APZ Datasheet(HTML) 3 Page - Winbond

  W39V080APZ Datasheet HTML 1Page - Winbond W39V080APZ Datasheet HTML 2Page - Winbond W39V080APZ Datasheet HTML 3Page - Winbond W39V080APZ Datasheet HTML 4Page - Winbond W39V080APZ Datasheet HTML 5Page - Winbond W39V080APZ Datasheet HTML 6Page - Winbond W39V080APZ Datasheet HTML 7Page - Winbond W39V080APZ Datasheet HTML 8Page - Winbond W39V080APZ Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
W39V080A
Publication Release Date: Dec. 28, 2005
- 3 -
Revision A4
1.
GENERAL DESCRIPTION
The W39V080A is an 8-megabit, 3.3-volt only CMOS flash memory organized as 1M
× 8 bits. For
flexible erase capability, the 8Mbits of data are divided into 16 uniform sectors of 64 Kbytes. The
device can be programmed and erased in-system with a standard 3.3V power supply. A 12-volt VPP
is required for accelerated program. The unique cell architecture of the W39V080A results in fast
program/erase operations with extremely low current consumption. This device can operate at two
modes, Programmer bus interface mode and LPC bus interface mode. As in the Programmer
interface mode, it acts like the traditional flash but with a multiplexed address inputs. But in the LPC
interface mode, this device complies with the Intel LPC specification. The device can also be
programmed and erased using standard EPROM programmers.
2.
FEATURES
Single 3.3-volt operations:
− 3.3-volt Read
− 3.3-volt Erase
− 3.3-volt Program
Fast Program operation:
− VPP = 12V
− Byte-by-Byte programming: 9 μS (typ.)
Fast Erase operation:
− Sector erase 0.9 Sec. (tpy.)
Fast Read access time: Tkq 11 nS
Endurance: 30K cycles (typ.)
Twenty-year data retention
16 Even sectors with 64K bytes
Any individual sector can be erased
Dual BIOS function
− Full-chip Partition with 8M-bit or Dual-block
Partition with 4M-bit
Hardware protection:
− #TBL supports 64-Kbyte Boot Block
hardware protection
− #WP supports the whole chip except Boot
Block hardware protection
Ready/#Busy output (RY/#BY)
− Detect program or erase cycle completion
Hardware reset pin (#RESET)
− Reset the internal state machine to the
read mode
VPP input pin
− Acceleration (ACC) function accelerates
program timing
Low power consumption
− Read Active current: 15 mA (typ. for LPC
mode)
Automatic program and erase timing with
internal VPP generation
End of program or erase detection
− Toggle bit
− Data polling
Latched address and data
TTL compatible I/O
Available packages: 32L PLCC, 32L STSOP,
40L TSOP(10 x 20 mm), 32L PLCC Lead
free, 32L STSOP Lead free and 40L TSOP
(10 x 20 mm) Lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com