Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP461EVM-CVAL Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP461EVM-CVAL
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461EVM-CVAL Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP461EVM-CVAL Datasheet HTML 17Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 18Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 19Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 20Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 21Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 22Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 23Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 24Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
TMP461-SP
www.ti.com
SBOS876B – SEPTEMBER 2017 – REVISED FEBRUARY 2020
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
7.6.1.4 Configuration Register
The configuration register sets the temperature range, the ALERT/THERM modes, and controls the shutdown
mode. The configuration register is set by writing to pointer address 09h, and is read by reading from pointer
address 03h. Table 7 summarizes the bits of the configuration register.
Table 7. Configuration Register Bit Descriptions
CONFIGURATION REGISTER (Read = 03h, Write = 09h, POR = 00h)
BIT NUMBER
NAME
FUNCTION
POWER-ON RESET VALUE
7
MASK1
0 = ALERT enabled
1 = ALERT masked
0
6
SD
0 = Run
1 = Shut down
0
5
ALERT/THERM2
0 = ALERT
1 = THERM2
0
4:3
Reserved
—
0
2
RANGE
0 = –40°C to +127°C
1 = –64°C to +191°C
0
1:0
Reserved
—
0
MASK1 (bit 7) of the configuration register masks the ALERT output. If MASK1 is 0 (default), the ALERT output
is enabled. If MASK1 is set to 1, the ALERT output is disabled. This configuration applies only if the value of
ALERT/THERM2 (bit 5) is 0 (that is, pin 7 is configured as the ALERT output). If pin 7 is configured as the
THERM2 output, the value of the MASK1 bit has no effect.
The shutdown bit (SD, bit 6) enables or disables the temperature-measurement circuitry. If SD = 0 (default), the
TMP461-SP device converts continuously at the rate set in the conversion rate register. When SD is set to 1, the
TMP461-SP device stops converting when the current conversion sequence is complete and enters a shutdown
mode. When SD is set to 0 again, the TMP461-SP resumes continuous conversions. When SD = 1, a single
conversion can be started by writing to the one-shot start register; see the One-Shot Start Register section for
more information.
ALERT/THERM2 (bit 5) sets the configuration of pin 7. If the ALERT/THERM2 bit is 0 (default), then pin 7 is
configured as the ALERT output; if this bit is set to 1, then pin 7 is configured as the THERM2 output.
The temperature range is set by configuring RANGE (bit 2) of the configuration register. Setting this bit low
(default) configures the TMP461-SP device for the standard measurement range (–40°C to +127°C); temperature
conversions are stored in the standard binary format. Setting bit 2 high configures the TMP461-SP device for the
extended measurement range (–64°C to +191°C); temperature conversions are stored in the extended binary
format (see Table 2).
The remaining bits of the configuration register are reserved and must always be set to 0. The power-on reset
value for this register is 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com