Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP1718LF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP1718LF
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP1718LF Datasheet HTML 1Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
1/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
18-port 10/100Mbps Smart Switch Controller
Features
General Description
Embeds 1.5 Mb packet buffer
Handles up to 4K MAC address entries
Supports non-blocking wire speed operation
Provides 16-port SS-SMII and 2-port MII
Supports 2 ports selectable normal MII,
reverse MII
All I/O signals can operate at 3.3V or 1.8V.
Supports up to 18 port based VLAN group
Supports 256 levels of data rate control
Captures BPDU, IGMP and OSPF …packet
and forward to the CPU port.
Suppress/enable per port address learning.
Embeds two levels of priority queues for VLAN
tag, physical port and IP Differentiated Service.
Supports flexible port trunking configuration: up
to 3 groups and up to 4 ports for each group
Embeds an internal regulator controller to
simplify the system design.
Power supply: 1.8V for core logic; optional
3.3V or 1.8V for I/O.
128 pin QFP package
Adjustable I/O driving capability
Support packet length up to 1536 Bytes
Spanning Tree state support.
Supports 3 kinds of port mirrioring methods
HOL blocking prevention
Only one 25MHz crystal needed
Broadcast storm control support
Programmable MAC address table through 2
serial pins.
Support Lead Free package (Please refer to
the Order Information)
Supporting 16-port SS-SMII, 2-port MII and
various advanced features, the IP1718 LF fits both
the office switch and the ETTH( Ethernet to the
Home) application. The IP1718 LF embeds
internal SSRAM for the use of the packet buffer
and the MAC address table. Besides the
traditional switch functions, the IP1718 LF
provides the easy-to-design solution, fitting the
requirement of most switch application.
The IP1718 LF also supports some features which
can simplify the customer’s design from the
viewpoint of the system. The embedded regulator
controller can reduce the component number on
the system board. The web management can be
easily accomplished by adding an external CPU
with protocol stack. All the I/O pins can operate at
3.3V or 1.8V, providing more design flexibility for
power supply distribution.
The IP1718 LF embeds 1.5Mb internal packet
buffer and stores up to 4K MAC address entries,
making it suitable for the generic switch
application. In addition, the IP1718 LF supports a
wide range of data rate for both egress and
ingress, which is useful in the ETTH(Ethernet to
the Home) application. The higher layer data
packet such as BPDU, IGMP, OSPF can be
forwarded to either the 17
th or 18th (CPU) port. The
flexible trunk configuration allows the user to scale
the switch interconnection bandwidth. When the
port mirroring function is enabled, the data traffic
on the source port will be forwarded to a specified
destination port, making the switch administration
easier. Supporting up to 18 port based VLAN
groups, the IP1718 LF can be configured to fit
various traffic partitions. The CoS function is
accomplished by configuring the priority of the
physical port, the 802.1Q VLAN tag and IP
DSCP(Differentiated Service Code Point). In order
to fit the application of some special environment,
the address learning and the MAC address table
aging can be disabled.


Similar Part No. - IP1718LF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP17 BEL-IP17 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
Pulse A Technitrol Comp...
IP1726 PULSE-IP1726 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
IP1726LF ETC2-IP1726LF Datasheet
249Kb / 33P
26-port 10/100M Smart Switch Controller
IP1726LF-DS-R01 ETC2-IP1726LF-DS-R01 Datasheet
249Kb / 33P
26-port 10/100M Smart Switch Controller
IP1726LF-DS-R02 ETC2-IP1726LF-DS-R02 Datasheet
249Kb / 33P
26-port 10/100M Smart Switch Controller
More results

Similar Description - IP1718LF

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MDS212 ZARLINK-MDS212 Datasheet
1Mb / 111P
12-Port 10/100Mbps Ethernet Switch
MDS213 ZARLINK-MDS213 Datasheet
1Mb / 120P
12-Port 10/100Mbps 1Gbps Ethernet Switch
logo
List of Unclassifed Man...
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
TE100-S16R ETC2-TE100-S16R Datasheet
465Kb / 2P
16-Port 10/100Mbps Fast Ethernet Switch
RTL8305SC ETC2-RTL8305SC Datasheet
1Mb / 160P
SINGLE-CHIP 5-PORT 10/100MBPS SWITCH CONTROLLER WITH DUAL MII INTERFACES
IP1726LF ETC2-IP1726LF Datasheet
249Kb / 33P
26-port 10/100M Smart Switch Controller
TL-SF1005D ETC2-TL-SF1005D Datasheet
1Mb / 2P
5-Port 10/100Mbps Desktop Switch
logo
Advantech Co., Ltd.
EKI-3525-AE ADVANTECH-EKI-3525-AE Datasheet
901Kb / 2P
5-port 10/100Mbps Unmanaged Industrial Ethernet Switch
EKI-3528-AE ADVANTECH-EKI-3528-AE Datasheet
901Kb / 2P
8-port 10/100Mbps Unmanaged Industrial Ethernet Switch
logo
Infineon Technologies A...
ADM6918 INFINEON-ADM6918 Datasheet
10Mb / 124P
18 port 10/100 Mbps Ethernet Switch Controller
Data Sheet, Rev 1.01, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com