Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP1000ALF Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 60Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 61Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 62Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 63Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 64Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 65Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 66Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 67Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
64/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.3.7
LEDMode
Class............................. EEPROM Fields
I/O Base Address ......... 0x00, accessed via the EepromCtrl register
Address Offset .............. 0x06
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
1:0
LED Mode
BIT 1
BIT 0
LED MODE
0
0
LED MODE 0
0
1
LED MODE 1 (default)
1
0
LED MODE 2
1
1
LED MODE 3
LEDMode
is
used
to
control
the
LED
signal
pin
(LEDLNK10N,
LEDLNK100N, LEDLNK1000N, LEDDPLXN, LEDPWRN) functionality.
Pin
LEDMode=1(default)
LED10N
Light_on= 10 link up
Light_off= 10 link down
LED100N
Light_on = 100 link up
Light_off = 100 link down
LED1000N
Light_on = 1000 link up
Light_off = 1000 link down
LEDDPLXN
Light_on = Full duplex
Light_off= Half duplex
Blink
= Collision
LEDRXN
Light_off= not receiving
Light_on = receiving
LEDTXN
Light_off= not transmitting
Light_on = transmitting
Blink(00) = activity
Pin
LEDMode=0
LED10N,
LED100N
{LED100,LED10}=
on,on = speed1000
on,off = speed100
off,on = speed10
off,off= link down
LED1000N
Light_on = link up (any speed)
Light_off=link down(any speed)
LEDDPLXN
Light_on = Full duplex
Light_off= Half duplex
LEDRXN
Light_on= link up
Light_off= link down
Blink
= receiving
LEDTXN
Light_on= link up
Light_off= link down
Blink = activity
Pin
LEDMode=2
LED10N
Light_off= 10 link up
Blink slow = 100 link up
Light_on= 1000 link up
LED100N
Light on = 100 link up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com