Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4565 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4565
Description  Adafruit LSM6DSOX LIS3MDL FeatherWing - Precision 9-DoF IMU
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4565 Datasheet(HTML) 2 Page - Adafruit Industries

  4565 Datasheet HTML 1Page - Adafruit Industries 4565 Datasheet HTML 2Page - Adafruit Industries 4565 Datasheet HTML 3Page - Adafruit Industries 4565 Datasheet HTML 4Page - Adafruit Industries 4565 Datasheet HTML 5Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
 
The LSM6DSOX has flexible data rates and ranges. For the
accelerometer: ±2/±4/±8/±16 g at 1.6 Hz to 6.7KHz update rate. For the
gyroscope: ±125/±250/±500/±1000/±2000 dps at 12.5 Hz to 6.7 KHz. There
are also some nice extras, such as built-in tap detection, activity detection,
pedometer/step counter, and a programmable finite state machine / machine
learning core that can perform some basic gesture recognition.
It also includes a LIS3MDL 3-axis magnetometer that can sense where the
strongest magnetic force is coming from, generally used to detect magnetic
north. The three triple-axis sensors add up to 9 degrees of freedom, by
combining this data you can orient the board. Check out our guide on how to do
that!
Both sensors are connected over the shared I2C bus, so you can use it with any
and all Feathers! We also break out the interrupt pins and address-selection
jumpers in case you want multiple Feathers or have I2C address conflicts. We've
got both Arduino (C/C++) and CircuitPython libraries available so you can use it
with any Feather board and get data readings in under 5 minutes. Four
mounting holes make for a secure connection.
Additionally, since it speaks I2C you can easily connect it up with two wires (plus
power and ground!). We've even included a SparkFun qwiic compatible STEMMA
QT connector for the I2C bus so you don't even need to solder to connect more
of your favorite ST sensors like the LPS25! Simply connect a plug-and-play cable
to more sensor data, OLED displays, or other I2C devices connected ASAP.
We also wrote libraries to help you get these sensors integrated with your
Arduino/C++. This library covers the accel/gyro and this library is for the
magnetometer. For advanced Arduino usage, ST has their own fully-featured
library that includes extras such as FIFO management and tap detection for the
LSM6DSOX and also for the LIS3MDL magnetometer.
Comes fully tested and assembled with a bit of standard 0.1" header.
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com