Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74VHCT245AM Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCT245AM
Description  OCTAL BUS TRANSCEIVER 3-STATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT245AM Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCT245AM Datasheet HTML 1Page - STMicroelectronics 74VHCT245AM Datasheet HTML 2Page - STMicroelectronics 74VHCT245AM Datasheet HTML 3Page - STMicroelectronics 74VHCT245AM Datasheet HTML 4Page - STMicroelectronics 74VHCT245AM Datasheet HTML 5Page - STMicroelectronics 74VHCT245AM Datasheet HTML 6Page - STMicroelectronics 74VHCT245AM Datasheet HTML 7Page - STMicroelectronics 74VHCT245AM Datasheet HTML 8Page - STMicroelectronics 74VHCT245AM Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74VHCT245A
OCTAL BUS
TRANSCEIVER (3-STATE)
PRELIMINARY DATA
August 1999
ORDER CODES :
74VHCT245AM
74VHCT245AT
M
(Micro Package)
s
HIGH SPEED: tPD = 4.5 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 245
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.9V (Max.)
DESCRIPTION
The 74VHCT245A is an advanced high-speed
CMOS OCTAL BUS TRANSCEIVER (3-STATE)
fabricated with sub-micron silicon gate and
double-layer metal wiring C
2MOS technology.
This IC is intended for two-way asynchronous
communication
between
data
busses;
the
direction of data trasmission is determined by the
T
(TSSOP Package)
level of the DIR input. The enable input G can be
used to disable the device so that the busses are
effectively isolated.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
IT IS PROHIBITED TO APPLY A SIGNAL TO A
TERMINAL WHEN IT IS IN OUTPUT MODE
AND WHEN A BUS TERMINAL IS FLOATING
(HIGH IMPEDANCE STATE) IT IS REQUESTED
TO FIX THE INPUT LEVEL BY MEANS OF
EXTERNAL
PULL
DOWN
OR
PULL
UP
RESISTOR.
PIN CONNECTION AND IEC LOGIC SYMBOLS
®
1/9


Similar Part No. - 74VHCT245AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT245AM FAIRCHILD-74VHCT245AM Datasheet
99Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74VHCT245AM FAIRCHILD-74VHCT245AM Datasheet
88Kb / 6P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74VHCT245AM ONSEMI-74VHCT245AM Datasheet
240Kb / 11P
Octal Buffer/Line Driver
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT245AMTC FAIRCHILD-74VHCT245AMTC Datasheet
99Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74VHCT245AMTC FAIRCHILD-74VHCT245AMTC Datasheet
88Kb / 6P
Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74VHCT245AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com