Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74VHCT257AM Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCT257AM
Description  QUAD 2 CHANNEL MULTIPLEXER 3-STATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT257AM Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCT257AM Datasheet HTML 1Page - STMicroelectronics 74VHCT257AM Datasheet HTML 2Page - STMicroelectronics 74VHCT257AM Datasheet HTML 3Page - STMicroelectronics 74VHCT257AM Datasheet HTML 4Page - STMicroelectronics 74VHCT257AM Datasheet HTML 5Page - STMicroelectronics 74VHCT257AM Datasheet HTML 6Page - STMicroelectronics 74VHCT257AM Datasheet HTML 7Page - STMicroelectronics 74VHCT257AM Datasheet HTML 8Page - STMicroelectronics 74VHCT257AM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74VHCT257A
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
PRELIMINARY DATA
March 2000
s
HIGH SPEED: tPD = 5.8 ns (TYP.) at VCC =5V
s
LOWPOWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V(MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 257
s
IMPROVED LATCH-UP IMMUNITY
s
LOWNOISE: VOLP = 0.8V (Max.)
DESCRIPTION
The 74VHCT257A is an advanced high-speed
CMOS QUAD
2
CHANNEL
MULTIPLEXER
(3-STATE) fabricated with sub-micron silicon gate
and
double-layer
metal
wiring
C
2MOS
technology.
It is composed of four independent 2 channel
multiplexers with common SELECT and ENABLE
INPUT.
The 74VHCT257A is a non inverting multiplexer.
When the ENABLE INPUT is held ”High”, all
outputs
become
high
impedance
state.
If
SELECT INPUT is held ”Low”, ”A” data is
selected, when SELECT INPUT is ”High”, ”B”
data is chosen.
Power down protection is provided on all inputs
and output and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
®
SOP
TSSOP
ORDER CODES
PACKAGE
T UBE
T & R
SOP
74VHCT257AM
74VHCT257AMTR
TSSOP
74VHCT257ATTR
1/9


Similar Part No. - 74VHCT257AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT257AMTR STMICROELECTRONICS-74VHCT257AMTR Datasheet
311Kb / 13P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
16-Dec-2004
More results

Similar Description - 74VHCT257AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Apr-2001
74VHC257 STMICROELECTRONICS-74VHC257 Datasheet
315Kb / 14P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
12-Nov-2004
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
Feb-1993
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
logo
STMicroelectronics
M74HC257 STMICROELECTRONICS-M74HC257 Datasheet
190Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Aug-2001
logo
Toshiba Semiconductor
TC74HC257AP TOSHIBA-TC74HC257AP_07 Datasheet
264Kb / 8P
Quad 2-Channel Multiplexer (3-state)
TC7MH257FK TOSHIBA-TC7MH257FK Datasheet
189Kb / 7P
Quad 2-Channel Multiplexer (3-State)
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257_01 Datasheet
286Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2001
74VHCT257A STMICROELECTRONICS-74VHCT257A_04 Datasheet
311Kb / 13P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F_12 Datasheet
224Kb / 9P
Quad 2-Channel Multiplexer (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com