Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12/2SP-DB Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 12/2SP-DB
Description  Direct Burial Speaker Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

12/2SP-DB Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  12/2SP-DB Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Regulatory
Electrical & Physical Characteristics:
Max 80Volts
0°C + 40°C
Approx.Wight(kg)
Approx.Dimension(mm)
Package
Packages per pallet
Marking:
Black & Red
Rated Volage
Jacket
Material
LLDPE
Min.Thickness
0.70mm
AVG.Thickness
0.80mm
Diameter
8.3mm +/-0.20mm
Rip Cord
Nylon
Color
Black
Minimum installation temperature
Screen
Wrap
PE Tape
0.33mm
AVG.Thickness
0.36mm
Diameter
3.20mm +/-0.10mm
Insulation
Material
PVC
Min.Thickness
Filler
Jelly
Gel Filled
Colors
EU RoHS 2011/65/EU Compliant
Application: Speaker Cable
Construction Characteristics:
Conductor
Material
Stranded Bare Copper
Size
12AWG X 2C(2.11mm^2)
Construction
65/0.250mm +/-0.004mm
33.2kg
360x300x160
305M/spool
27
Bend radius
Min 15D/96mm
- 20°C + 75°C
Insulation Resistance
Min 50M
! *km at 20°C
Dielectric Strength
Min AC1.5KV
Conductor Resistance
Max 9.2ohm/km at 20°C
Operating Temperature Range
Packaging:
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: 866-470-5742
SCP PART#: 12/2SP-DB
Direct Burial Speaker Cable- 2C/12AWG 65 Strand Oxygen Free Copper, Gel Filled, LLDPE Jkt- Black -
1000ft/305m Spool
STRUCTURED CABLE PRODUCTS --- 12/2SP-DB --- 2C 12AWG 65 STRAND OFC GEL FILL SPEAKER
CABLE - OUTDOOR/DIRECT BURIAL UV SUN RES LLDPE JKT - EU RoHS ZONE/DEVICE A B C D E
0 1 2 3 4 5 6 7 8 9 ***M


Similar Part No. - 12/2SP-DB

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
12/2SHDB STRUCTURED-CABLE-12/2SHDB Datasheet
313Kb / 2P
SHIELDED DIRECT BURIAL CABLE-
0224
More results

Similar Description - 12/2SP-DB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
DIRECT DRIVE SPEAKER AMPLIFIER
logo
General Cable Technolog...
C6061A GENERAL-C6061A Datasheet
59Kb / 1P
3 Individually shielded pairs 20AWG PP/ PE DIRECT BURIAL, AUDIO & COMMUNICATION
logo
Belden Inc.
3108DB BELDEN-3108DB Datasheet
228Kb / 3P
RS-485 UL direct burial foil and braid shielded 120 Ohm low voltage low capacitance computer cable
logo
Hubbell Incorporated.
BIBS3502DB HUBBELL-BIBS3502DB Datasheet
264Kb / 2P
Direct Burial Unitap, 350 Kcmil -12 AWG Str., 2.61 in L, Designed specifically for direct burial applications.
BIBS3503DB HUBBELL-BIBS3503DB Datasheet
263Kb / 2P
Direct Burial Unitap, 350 Kcmil -12 AWG Str., 3.82 in L, Designed specifically for direct burial applications.
BIBS3504DB HUBBELL-BIBS3504DB Datasheet
264Kb / 2P
Direct Burial Unitap, 350 Kcmil -12 AWG Str., 5.03 in L, Designed specifically for direct burial applications.
BIBS3506DB HUBBELL-BIBS3506DB Datasheet
266Kb / 2P
Direct Burial Unitap, 350 Kcmil -12 AWG Str., 7.45 in L, Designed specifically for direct burial applications.
logo
PANDUIT CORP.
GUBC500-6 PANDUIT-GUBC500-6 Datasheet
950Kb / 8P
StructuredGround ??Direct Burial Compression Grounding System
9/2015
logo
Belden Inc.
9886 BELDEN-9886 Datasheet
203Kb / 2P
Audio, Control & Instrument, #20-6pr, PO, Indiv. Foil, HDPE Jkt, Direct Burial
04-19-2023
9883 BELDEN-9883 Datasheet
158Kb / 2P
Audio, Control & Instrument, #20-3pr, PO, Indiv. Foil, HDPE Jkt, Direct Burial
01-20-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com