Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS3847085DBVR.B Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS3847085DBVR.B
Description  TPS3847 18-V, 380-nA Voltage Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3847085DBVR.B Datasheet(HTML) 1 Page - Texas Instruments

  TPS3847085DBVR.B Datasheet HTML 1Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 2Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 3Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 4Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 5Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 6Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 7Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 8Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
200
300
400
500
600
700
800
900
4
6
8
10
12
14
16
18
Supply Voltage (V)
-40
SC
0
SC
25
SC
85
SC
105
SC
C007
VCC
RESET
GND
TPS3847
EN
Regulator
12 V
C
0.1 F
m
IN
MR
OUT
VCC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS3847
SBVS231A – AUGUST 2014 – REVISED MARCH 2015
TPS3847 18-V, 380-nA Voltage Monitor
1 Features
3 Description
The TPS3847 family consists of wide operating
1
•
Ultralow Supply Current: 380 nA
voltage, ultralow-current devices that monitor the
•
Wide Supply Voltage Range: 4.5 V to 18 V
voltage at the supply pin. The device asserts an
•
High Threshold Accuracy: ±2.5%
active-low reset signal whenever the VCC supply
voltage
drops
below
the
factory-trimmed
reset
•
Internal Hysteresis
threshold voltage. The reset output remains asserted
•
Push-Pull Output
for 20 ms (max) after the VCC voltage rises above
•
20-ms (max) Delay Timing
the threshold voltage.
•
Factory-Trimmed, Fixed-Voltage Thresholds
The
ultralow
current
consumption
of
380
nA
•
Specified Operating Temperature Range:
combined with 18-V capability makes the TPS3847
–40°C to +85°C
ideal for use in low-power and portable applications.
•
Operational from –40°C to +105°C
The TPS3847 features precision, factory-trimmed
•
Package: 5-Pin SOT
threshold
voltages
and
extremely
low-power
operation. The TPS3847 is available in an industry-
standard, 5-pin, SOT package.
2 Applications
•
Portable and Battery-Powered Equipment
Device Information(1)
•
Desktops, Notebooks, and Ultrabooks
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Industrial Systems
TPS3847
SOT (5)
2.90 mm × 1.60 mm
•
Servers
(1) For all available packages, see the package option addendum
at the end of the datasheet.
•
Security Systems
Typical Application
Supply Current vs Supply Voltage
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS3847085DBVR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3847085DBVR TI1-TPS3847085DBVR Datasheet
1,012Kb / 23P
18-V, 380-nA Voltage Monitor
More results

Similar Description - TPS3847085DBVR.B

ManufacturerPart #DatasheetDescription
logo
EPCOS
B597XXB EPCOS-B597XXB Datasheet
106Kb / 6P
Leaded Disks, Uncoated, 380 V to 1000 V
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
Voltage Monitor
logo
AAEON Technology
APD-7181 AAEON-APD-7181 Datasheet
761Kb / 2P
18 TFT Industrial Display Monitor
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
SUPPLY VOLTAGE MONITOR
JULY 2006
logo
Texas Instruments
TPS3847 TI1-TPS3847 Datasheet
1,012Kb / 23P
18-V, 380-nA Voltage Monitor
TPS3899 TI-TPS3899 Datasheet
999Kb / 23P
Nano 125 nA IQ, 1% Accurate Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899 TI-TPS3899_V01 Datasheet
1Mb / 25P
Nano 125 nA IQ, 1% Accurate Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com