Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H7CX-AS Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # H7CX-AS
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-AS Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button H7CX-AS Datasheet HTML 14Page - Omron Electronics LLC H7CX-AS Datasheet HTML 15Page - Omron Electronics LLC H7CX-AS Datasheet HTML 16Page - Omron Electronics LLC H7CX-AS Datasheet HTML 17Page - Omron Electronics LLC H7CX-AS Datasheet HTML 18Page - Omron Electronics LLC H7CX-AS Datasheet HTML 19Page - Omron Electronics LLC H7CX-AS Datasheet HTML 20Page - Omron Electronics LLC H7CX-AS Datasheet HTML 21Page - Omron Electronics LLC H7CX-AS Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
C-104
Multifunction Preset Counter
H7CX
I Self-diagnostic Function
The following displays will appear if an error occurs.
Note: 1. The display for 4-digit models is given in parentheses.
2. Display flashes (1-second cycles).
3. Occurs when the present value or the total count value goes below
−99,999 (−999 with 4-digit models).
4. Occurs when the present value (or measurement value) reaches 999,999 (9,999 with 4-digit models) under the following conditions:
• The output mode is K-2, D, L, or H.
• The H7CX is set for dual counter or tachometer operation.
5. Except when the H7CX is set for tachometer operation.
6. Includes the case where the EEPROM has reached its overwrite lifetime.
I Response Delay Time When
Resetting (Transistor Output)
The following table shows the delay from when the reset signal is
input until the output is turned OFF.
(Reference values)
I Output Delay Time
The following table shows the delay from when the present value
passes the set value until the output is produced.
Actual measurements in N and K-2 modes.
(Reference values)
Note: The above times may vary slightly depending on the mode or
operating conditions.
I Maximum Counting Speed for
Batch Counter
The maximum counting speed for batch counter operation is 5 kHz.
The batch counter counts the number of times the count reaches the
set value.
I Wiring
Wiring input lines in the same conduit as power lines or other high-
voltage lines may result in malfunction due to noise. Wire the input
lines separately, away from lines carrying high-voltages. In addition,
make the input wiring as short as possible and use shield lines or
metal wiring conduits.
Pay attention to terminal polarity to ensure correct wiring.
I Mounting
Tighten the two mounting screws on the Adaptor. Tighten them alter-
nately, a little at a time, so as to keep them at an equal tightness.
The H7CX’s panel surface is water-resistive (conforming to NEMA 4
and IP66). In order to prevent the internal circuit from water penetra-
tion through the space between the timer and operating panel, attach
a waterproof packing between the timer and installation panel and
secure the waterproof packing with the Y92F-30 Flush-mounting
Adapter.
Main display
Sub-display
Error
Output status
Correction method
Set value after
reset
------
(----)
(See notes 1 and
2.)
No change
Present value underflow
(See note 3.)
No change
Either press the reset key or turn ON
reset input.
No change
ffffff
(ffff)
(See notes 1 and
2.)
No change
Present value overflow
(See note 4.)
No change
Either press the reset key or turn ON
reset input. (See note 5.)
No change
e1
Not lit
CPU
OFF
Either press the reset key or reset the
power supply.
No change
e2
Not lit
Memory error (RAM)
OFF
Reset the power supply.
No change
e2
sum
Memory error (EEP)
(See note 6.)
OFF
Reset to the factory settings using the
reset key.
0
Minimum reset signal width
Output delay time
1 ms
0.8 to 1.2 ms
20 ms
15 to 25 ms
Control output type
Maximum counting
speed
Output delay time
Contact output
30 Hz
16.5 to 24.0 ms
5 kHz
3.7 to 5.6 ms
Transistor output
30 Hz
12.0 to 20.0 ms
5 kHz
0.2 to 0.55 ms
0.5 to 1 mm
It is recommended that the space between
the screw head and the adapter should be
0.5 to 1 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com