Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC08060CIMT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC08060CIMT/NOPB
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060CIMT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC08060CIMT/NOPB Datasheet HTML 3Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 4Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 5Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 6Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 7Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 8Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 9Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 10Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADC08060
www.ti.com
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
Converter Electrical Characteristics (continued)
The following specifications apply for VA = DR VD = +3.0VDC, VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 60 MHz at 50% duty
cycle. Boldface limits apply for TJ = TMIN to TMAX: all other limits TA = 25°C
(1)(2)(3)
Units
Symbol
Parameter
Conditions
Typical (4)
Limits (4)
(Limits)
POWER SUPPLY CHARACTERISTICS
DC Input
25
31
mA (max)
IA
Analog Supply Current
fIN = 10 MHz, VIN = −3 dBFS
25
mA
DC Input
0.3
1
mA (max)
DR ID
Output Driver Supply Current
fIN = 10 MHz, VIN = 3 dBFS
(5)
4.4
mA
DC Input
25.3
32
mA (max)
IA + DRID Total Operating Current
fIN = 10 MHz, VIN = −3 dBFS, PD = Low
29.4
mA (max)
CLK Low, PD = Hi
0.2
DC Input
76
96
mW (max)
PC
Power Consumption
fIN = 10 MHz, VIN = −3 dBFS, PD = Low
88
mW
CLK Low, PD = Hi
0.6
mW
PSRR1
Power Supply Rejection Ratio
FSE change with 2.7V to 3.3V change in VA
54
dB
SNR change with 200 mV at 200 kHz on
PSRR2
Power Supply Rejection Ratio
45
dB
supply
AC ELECTRICAL CHARACTERISTICS
fC1
Maximum Conversion Rate
70
60
MHz (min)
fC2
Minimum Conversion Rate
20
MHz
tCL
Minimum Clock Low Time
6.7
ns (min)
tCH
Minimum Clock High Time
6.7
ns (min)
tOH
Output Hold Time
CLK Rise to Data Invalid
4.4
ns
tOD
Output Delay
CLK Rise to Data Valid
8.2
12
ns (max)
Pipeline Delay (Latency)
2.5
Clock Cycles
tAD
Sampling (Aperture) Delay
CLK Fall to Acquisition of Data
1.5
ns
tAJ
Aperture Jitter
2
ps rms
(5)
IDR is the current consumed by the switching of the output drivers and is primarily determined by the load capacitance on the output
pins, the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent), IDR = VDR (CO x fO + C1 x f1
+ … + C71 x f7) where VDR is the output driver power supply voltage, Cn is the total capacitance on any given output pin, and fn is the
average frequency at which that pin is toggling.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com