Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74ACT11245DBRG4 Datasheet(PDF) 18 Page - Texas Instruments

Part # 74ACT11245DBRG4
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT11245DBRG4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button 74ACT11245DBRG4 Datasheet HTML 14Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 15Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 16Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 17Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 18Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 19Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 20Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 21Page - Texas Instruments 74ACT11245DBRG4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Dec-2024
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
74ACT11245DWR
SOIC
DW
24
2000
350.0
350.0
43.0
74ACT11245NSR
SOP
NS
24
2000
367.0
367.0
45.0
74ACT11245PWR
TSSOP
PW
24
2000
356.0
356.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com