Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC082S021 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC082S021
Description  ADC082S101 2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC082S021 Datasheet(HTML) 1 Page - Texas Instruments

  ADC082S021 Datasheet HTML 1Page - Texas Instruments ADC082S021 Datasheet HTML 2Page - Texas Instruments ADC082S021 Datasheet HTML 3Page - Texas Instruments ADC082S021 Datasheet HTML 4Page - Texas Instruments ADC082S021 Datasheet HTML 5Page - Texas Instruments ADC082S021 Datasheet HTML 6Page - Texas Instruments ADC082S021 Datasheet HTML 7Page - Texas Instruments ADC082S021 Datasheet HTML 8Page - Texas Instruments ADC082S021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
2
3
4
5
6
7
8
CS
SCLK
DOUT
DIN
IN1
VA
GND
IN2
ADC082S101
ADC082S101
www.ti.com
SNAS288D – APRIL 2005 – REVISED MARCH 2013
ADC082S101 2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
Check for Samples: ADC082S101
1
FEATURES
DESCRIPTION
The
ADC082S101
is
a
low-power,
two-channel
2
•
Specified Over a Range of Sample Rates.
CMOS 8-bit analog-to-digital converter with a high-
•
Two Input Channels
speed
serial
interface.
Unlike
the
conventional
•
Variable Power Management
practice of specifying performance at a single sample
rate only, the ADC082S101 is fully specified over a
•
Single Power Supply with 2.7V - 5.25V Range
sample rate range of 500 ksps to 1 Msps. The
converter is based on a successive-approximation
KEY SPECIFICATIONS
register architecture with an internal track-and-hold
•
DNL: ±0.10 LSB (typ)
circuit. It can be configured to accept one or two input
signals at inputs IN1 and IN2.
•
INL: ± 0.13 LSB (typ)
•
SNR: 49.6 dB (typ)
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
•
Power Consumption:
QSPI™, MICROWIRE, and many common DSP
–
3V Supply: 3.9 mW (typ)
serial interfaces.
–
5V Supply: 11.4 mW (typ)
The ADC082S101 operates with a single supply that
can range from +2.7V to +5.25V. Normal power
APPLICATIONS
consumption using a +3V or +5V supply is 3.2 mW
•
Portable Systems
and 9.6 mW, respectively. The power-down feature
reduces the power consumption to just 0.12 µW using
•
Remote Data Acquisition
a +3V supply, or 0.35 µW using a +5V supply.
•
Instrumentation and Control Systems
The ADC082S101 is packaged in an 8-lead VSSOP
package. Operation over the industrial temperature
range of
−40°C to +85°C is ensured.
Table 1. Pin-Compatible Alternatives by Resolution and Speed(1)
Resolution
Specified for Sample Rate Range of:
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC122S021
ADC122S051
ADC122S101
10-bit
ADC102S021
ADC102S051
ADC102S101
8-bit
ADC082S021
ADC082S051
ADC082S101
(1)
All devices are fully pin and function compatible.
Connection Diagram
Figure 1. 8-Lead VSSOP
See DGK Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC082S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC082S021 NSC-ADC082S021 Datasheet
939Kb / 19P
2 Channel, 200 KSPS, 8-Bit A/D Converter
ADC082S021 NSC-ADC082S021 Datasheet
941Kb / 19P
2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC082S021 TI-ADC082S021 Datasheet
1Mb / 25P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC082S021 TI1-ADC082S021 Datasheet
1Mb / 28P
ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC082S021 TI1-ADC082S021 Datasheet
1Mb / 28P
ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results

Similar Description - ADC082S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com