Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12D040 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC12D040
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC12D040 Datasheet HTML 17Page - Texas Instruments ADC12D040 Datasheet HTML 18Page - Texas Instruments ADC12D040 Datasheet HTML 19Page - Texas Instruments ADC12D040 Datasheet HTML 20Page - Texas Instruments ADC12D040 Datasheet HTML 21Page - Texas Instruments ADC12D040 Datasheet HTML 22Page - Texas Instruments ADC12D040 Datasheet HTML 23Page - Texas Instruments ADC12D040 Datasheet HTML 24Page - Texas Instruments ADC12D040 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
-
+
255, 1%
280, 1%
50:
SIGNAL
INPUT
49.9,
1%
68 pF
511, 1%
511, 1%
51
51
68 pF
To ADC
VIN-
To ADC
VIN+
Amplifier:
LMH6650
ADC12D040
www.ti.com
SNAS171E – JUNE 2002 – REVISED MARCH 2013
Figure 32. Differential Drive Circuit using a fully differential amplifier.
Input Common Mode Voltage
The input common mode voltage, VCM, should be of a value such that the peak excursions of the analog signal
does not go more negative than ground or more positive than 1.0 Volts below the VA supply voltage. The nominal
VCM should generally be about VREF/2. VRBA and VRBB can be used as VCM sources as long as no d.c. current is
drawn from these pins.
DIGITAL INPUTS
Digital TTL/CMOS compatible inputs consist of CLK, OEA, OEB, OF, INT/EXT REF, and PD.
CLK
The CLK signal controls the timing of the sampling process. Drive the clock input with a stable, low jitter clock
signal in the range of 100 kHz to 55 MHz with rise and fall times of less than 3ns. The trace carrying the clock
signal should be as short as possible and should not cross any other signal line, analog or digital, not even at
90°.
If the CLK is interrupted, or its frequency too low, the charge on internal capacitors can dissipate to the point
where the accuracy of the output data will degrade. This is what limits the lowest sample
The ADC clock line should be considered to be a transmission line and be series terminated at the source end to
match the source impedance with the characteristic impedance of the clock line. It generally is not necessary to
terminate the far (ADC) end of the clock line, but if a single clock source is driving more than one device (a
condition that is generally not recommended), far end termination may be needed. Far end termination is a series
RC with the resistor being the same as the characteristic impedance of the clock line. The capacitor should have
a minimum value of
(9)
where tPD is the propagation time in ns/unit length, "L" is the length of the line and ZO is the characteristic
impedance of the line. The units of tPD and "L" should be consistent with each other. The typical board of FR-4
material has a tPD of about 150 ps/inch, or about 60 ps/cm.
The far end termination should be near but beyond the ADC clock pin as seen from the clock source.
The duty cycle of the clock signal can affect the performance of any A/D Converter. Because achieving a precise
duty cycle is difficult, the ADC12040 is designed to maintain performance over a range of duty cycles. While it is
specified and performance is guaranteed with a 50% clock duty cycle, performance is typically maintained over a
clock duty cycle range of 40% to 60%.
Take care to maintain a constant clock line impedance throughout the length of the line. Refer to Application
Note AN-905 (SNLA035) for information on setting characteristic impedance.
OEA, OEB
The OEA and OEB pin, when high, put the output pins of their respective converters into a high impedance state.
When either of these pins is low the corresponding outputs are in the active state. The ADC12D040 will continue
to convert whether these pins are high or low, but the output can not be read while the pin is high.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com