Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12D040CIVS/NOPB.A Datasheet(PDF) 20 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB.A
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB.A Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB.A Datasheet HTML 16Page - Texas Instruments ADC12D040CIVS/NOPB.A Datasheet HTML 17Page - Texas Instruments ADC12D040CIVS/NOPB.A Datasheet HTML 18Page - Texas Instruments ADC12D040CIVS/NOPB.A Datasheet HTML 19Page - Texas Instruments ADC12D040CIVS/NOPB.A Datasheet HTML 20Page - Texas Instruments ADC12D040CIVS/NOPB.A Datasheet HTML 21Page - Texas Instruments ADC12D040CIVS/NOPB.A Datasheet HTML 22Page - Texas Instruments ADC12D040CIVS/NOPB.A Datasheet HTML 23Page - Texas Instruments ADC12D040CIVS/NOPB.A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
ADC12D040
SNAS171E – JUNE 2002 – REVISED MARCH 2013
www.ti.com
To help isolate the pulses at the ADC input from the amplifier output, use RCs at the inputs, as can be seen in
Figure 31 and Figure 32. These components should be placed close to the ADC inputs because the input pins of
the ADC is the most sensitive part of the system and this is the last opportunity to filter that input.
For Nyquist applications the RC pole should be at the ADC sample rate. The ADC input capacitance in the
sample mode should be considered when setting the RC pole. Setting the pole in this manner will provide best
SNR performance.
To obtain best SINAD and ENOB performance, reduce the RC time constant until SNR and THD are numerically
equal to each other. To obtain best distortion and SFDR performance, eliminate the RC altogether.
For undersampling applications, RC pole should be set at about 1.5 to 2 times the maximum input frequency to
maintain a linear delay response.
Note that the ADC12DL040 is not designed to operate with single-ended inputs. However, doing so is possible if
the degraded performance is acceptable. See Single-Ended Operation
Figure 31 shows a narrow band application with a transformer used to convert single-ended input signals to
differential. Figure 32 shows the use of a fully differential amplifier for single-ended to differential conversion.
Figure 31. Application Circuit using Transformer or Differential Op-Amp Drive Circuit
20
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com