Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS8345E/2K5.B Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8345E/2K5.B
Description  16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8345E/2K5.B Datasheet(HTML) 4 Page - Texas Instruments

  ADS8345E/2K5.B Datasheet HTML 1Page - Texas Instruments ADS8345E/2K5.B Datasheet HTML 2Page - Texas Instruments ADS8345E/2K5.B Datasheet HTML 3Page - Texas Instruments ADS8345E/2K5.B Datasheet HTML 4Page - Texas Instruments ADS8345E/2K5.B Datasheet HTML 5Page - Texas Instruments ADS8345E/2K5.B Datasheet HTML 6Page - Texas Instruments ADS8345E/2K5.B Datasheet HTML 7Page - Texas Instruments ADS8345E/2K5.B Datasheet HTML 8Page - Texas Instruments ADS8345E/2K5.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ADS8345
SBAS177C
4
www.ti.com
ELECTRICAL CHARACTERISTICS: +2.7V
At TA = –40°C to +85°C, +VCC = +2.7V, VREF = +1.25V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
ADS8345E, N
ADS8345EB, NB
✻ Same specifications as ADS8345E, N.
NOTES: (1) LSB means Least Significant Bit. With VREF equal to +1.25V, one LSB is 38µV. (2) First nine harmonics of the test frequency. (3) Auto power-down
mode (PD1 = PD0 = 0) active or SHDN = GND.
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
16
✻
Bits
ANALOG INPUT
Full-Scale Input Span
Positive Input-Negative Input
–VREF
+VREF
✻✻
V
Absolute Input Range
+IN
–0.2
+VCC + 0.2
✻✻
V
–IN
–0.2
+VCC + 0.2
✻✻
V
Capacitance
25
✻
pF
Leakage Current
±1
✻
µA
SYSTEM PERFORMANCE
No Missing Codes
14
15
Bits
Integral Linearity Error
±8
±6LSB
Bipolar Error
±1.0
±0.5
mV
Bipolar Error Match
24
✻✻
LSB
Gain Error
±0.05
±0.024
% of FSR
Gain Error Match
14
✻✻
LSB
Noise
20
✻
µVrms
Power-Supply Rejection
+2.7 < VCC < +3.3V
3
✻
LSB(1)
SAMPLING DYNAMICS
Conversion Time
16
✻
CLK Cycles
Acquisition Time
4.5
✻
CLK Cycles
Throughput Rate
100
✻
kHz
Multiplexer Settling Time
500
✻
ns
Aperture Delay
30
✻
ns
Aperture Jitter
100
✻
ps
Internal Clock Frequency
SHDN = VDD
2.4
✻
MHz
External Clock Frequency
0.024
2.4
✻✻
MHz
When used with Internal Clock
0.024
2.0
✻✻
MHz
Data Transfer Only
0
2.4
✻✻
MHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion(2)
VIN = 2.5Vp-p at 1kHz
–95
✻
dB
Signal-to-(Noise + Distortion)
VIN = 2.5Vp-p at 1kHz
81
✻
dB
Spurious-Free Dynamic Range
VIN = 2.5Vp-p at 1kHz
95
✻
dB
Channel-to-Channel Isolation
VIN = 2.5Vp-p at 10kHz
108
✻
dB
REFERENCE INPUT
Range
0.5
+VCC/2
✻✻
V
Resistance
DCLK Static
5
✻
G
Ω
Input Current
13
40
✻✻
µA
DCLK Static
0.001
3
✻✻
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
✻
Logic Levels
VIH
| IIH | ≤ +5µA+VCC • 0.7
5.5
✻✻
V
VIL
| IIL | ≤ +5µA
–0.3
+0.8
✻✻
V
VOH
IOH = –250µA+VCC • 0.8
✻
V
VOL
IOL = 250µA
0.4
✻
V
Data Format
Binary Two’s Complement
✻
POWER-SUPPLY REQUIREMENTS
+VCC
Specified Performance
2.7
3.6
✻✻
V
Quiescent Current
1.2
1.85
✻✻
mA
fSAMPLE = 10kHz
950
✻
µA
Power-Down Mode(3), CS = +VCC
3
✻
µA
Power Dissipation
3.2
5
✻✻
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com