Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE4404YZPR Datasheet(PDF) 36 Page - Texas Instruments

Part # AFE4404YZPR
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4404YZPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button AFE4404YZPR Datasheet HTML 32Page - Texas Instruments AFE4404YZPR Datasheet HTML 33Page - Texas Instruments AFE4404YZPR Datasheet HTML 34Page - Texas Instruments AFE4404YZPR Datasheet HTML 35Page - Texas Instruments AFE4404YZPR Datasheet HTML 36Page - Texas Instruments AFE4404YZPR Datasheet HTML 37Page - Texas Instruments AFE4404YZPR Datasheet HTML 38Page - Texas Instruments AFE4404YZPR Datasheet HTML 39Page - Texas Instruments AFE4404YZPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
36
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.5.1 Register 0h (address = 0h) [reset = 0h]
Figure 38. Register 0h
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
7
6
5
4
3
2
1
0
0
0
0
0
SW_RESET
0
TM_COUNT_
RST
REG_READ
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
LEGEND: W = Write only; -n = value after reset
Table 17. Register 0h Field Descriptions
Bit
Field
Type
Reset
Description
23-4
0
W
0h
Must write 0.
3
SW_RESET
W
0h
Self-clearing reset bit.
For a software reset, write 1.
2
0
W
0h
Must write 0.
1
TM_COUNT_RST
W
0h
Used to suspend the count and keep the counter in a reset state.
0
REG_READ
W
0h
Register readout enable for write registers
(not needed for ADC output registers).
0 = Register write mode
1 = Enables the readout of write registers
8.5.2 Register 1h (address = 1h) [reset = 0h]
Figure 39. Register 1h
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
15
14
13
12
11
10
9
8
LED2STC
R/W-0h
7
6
5
4
3
2
1
0
LED2STC
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 18. Register 1h Field Descriptions
Bit
Field
Type
Reset
Description
23-16
0
W
0h
Must write 0.
15-0
LED2STC
R/W
0h
Sample LED2 start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com