Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS8345EB.B Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS8345EB.B
Description  16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8345EB.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS8345EB.B Datasheet HTML 8Page - Texas Instruments ADS8345EB.B Datasheet HTML 9Page - Texas Instruments ADS8345EB.B Datasheet HTML 10Page - Texas Instruments ADS8345EB.B Datasheet HTML 11Page - Texas Instruments ADS8345EB.B Datasheet HTML 12Page - Texas Instruments ADS8345EB.B Datasheet HTML 13Page - Texas Instruments ADS8345EB.B Datasheet HTML 14Page - Texas Instruments ADS8345EB.B Datasheet HTML 15Page - Texas Instruments ADS8345EB.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
ADS8345
SBAS177C
12
www.ti.com
There are several critical items concerning the reference
input and its wide-voltage range. As the reference voltage is
reduced, the analog voltage weight of each digital output
code is also reduced. This is often referred to as the LSB
(Least Significant Bit) size and is equal to the reference
voltage divided by 65536. Any offset or gain error inherent in
the A/D converter will appear to increase, in terms of LSB
size, as the reference voltage is reduced. For example, if the
offset of a given converter is 2LSBs with a 2.5V reference,
then it will typically be 10LSBs with a 0.5V reference. In each
case, the actual offset of the device is the same, 152.8
µV.
The noise or uncertainty of the digitized output will increase
with lower LSB size. With a reference voltage of 500mV, the
LSB size is 15.3
µV. This level is below the internal noise of
the device. As a result, the digital output code will not be
stable and will vary around a mean value by a number of
LSBs. The distribution of output codes will be gaussian and
the noise can be reduced by simply averaging consecutive
conversion results or applying a digital filter.
With a lower reference voltage, care should be taken to
provide a clean layout including adequate bypassing, a clean
(low-noise, low-ripple) power supply, a low-noise reference,
and a low-noise input signal. Because the LSB size is lower,
the converter will also be more sensitive to nearby digital
signals and electromagnetic interference.
The voltage into the VREF input is not buffered and directly
drives the Capacitor Digital-to-Analog Converter (CDAC)
portion of the ADS8345. Typically, the input current is 13
µA
with a 2.5V reference. This value will vary by microamps
depending on the result of the conversion. The reference
current diminishes directly with both conversion rate and
reference voltage. As the current from the reference is drawn
on each bit decision, clocking the converter more quickly
during a given conversion period will not reduce overall
current drain from the reference.
DIGITAL INTERFACE
The ADS8345 has a 4-wire serial interface compatible with
several microprocessor families (note that the digital inputs are
over-voltage tolerant up to +5.5V, regardless of +VCC). Figure 6
shows the typical operation of the ADS8345 digital interface.
Most microprocessors communicate using 8-bit transfers; the
ADS8345 can complete a conversion with three such trans-
fers, for a total of 24 clock cycles on the DCLK input,
provided the timing is as shown in Figure 6.
The first eight clock cycles are used to provide the control
byte via the DIN pin. When the converter has enough informa-
tion about the following conversion to set the input multi-
plexer appropriately, it enters the acquisition (sample) mode.
After four more clock cycles, the control byte is complete and
the converter enters the conversion mode. At this point, the
input sample-and-hold goes into the Hold mode. The next
sixteen clock cycles accomplish the actual A/D conversion.
Control Byte
Figure 6 shows placement and order of the control bits within
the control byte. Tables I and II give detailed information
about these bits. The first bit, the “S” bit, must always be
HIGH and indicates the start of the control byte. The ADS8345
will ignore inputs on the DIN pin until the START bit is
detected. The next three bits (A2-A0) select the active input
channel or channels of the input multiplexer (see Tables III
and IV and Figure 4).
FIGURE 6. Conversion Timing, 24-Clocks per Conversion, 8-Bit Bus Interface. No DCLK delay required with dedicated
serial port.
t
ACQ
Acquire
Idle
Conversion
1
DCLK
CS
81
15
DOUT
BUSY
(MSB)
(START)
(LSB)
A2
S
DIN
A1
A0
SGL/
DIF
PD1 PD0
14
13
12
11
10
9
8
7654321
0
Zero Filled...
81
8
Acquire
Idle
Conversion
18
1
15
(MSB)
(START)
A2
SA1
A0
SGL/
DIF
PD1 PD0
14
BIT 7
BIT 0
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
(LSB)
SA2
A1
A0
—
SGL/DIF
PD1
PD0
TABLE I. Order of the Control Bits in the Control Byte.
TABLE II. Descriptions of the Control Bits within the Control Byte.
BIT
NAME
DESCRIPTION
7
S
Start Bit. Control byte starts with first HIGH bit on
DIN.
6-4
A2-A0
Channel Select Bits. Along with the SGL/DIF bit,
these bits control the setting of the multiplexer input.
2
SGL/DIF
Single-Ended/Differential Select Bit. Along with bits
A2-A0, this bit controls the setting of the multiplexer
input.
1-0
PD1-PD0
Power-Down Mode Select Bits. See Table V for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com