Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JA06A-10SL-4S-J1-R Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # JA06A-10SL-4S-J1-R
Description  Panel-to-cable/ cable-connector, General purpose plug, JL04V compatible , EN61984 compatible and N/MS-A/B, MIL-DTL-5015 compatible, without earth terminal, waterproof(mated), solder type, 2 pos., Socket, Individual Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JA06A-10SL-4S-J1-R Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  JA06A-10SL-4S-J1-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JA06A-10SL-4S-J1-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JA06A-10SL-4S-J1-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shell Size
10SL
Contact Arrangement Code
10SL-4
Contact Size X No. of Contacts
#16*2
Applicable Wire (Cross-
sectional Area of Conductor)
1.25 mm2 max.
Alternative Insert Position
(deg.)
0
Material of Contact
Copper alloy
Finish of Contact in Connecting
Area
Silver plating
Outer Shell Color
Black system interference color
Total Current Rating (A)
24.5
Contact Resistance (milliohm)
50
Dielectric Withstanding
Voltage (VACr.m.s. 1minute)
2,000
Insulation Resistance
(megaohm min. )
5000
Operating Temperature Range
(deg. C)
-55 to +85
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Combination
N/MS3101A10SL-4P
N/MS3102A10SL-4P
Notice
The values specified in this web site are only for reference. The products and their specifications
are subject to change without notice. Contact our sales staff for further information before
considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
1.
Users are requested to provide protection circuits and redundancy circuits to ensure safety of
the equipment, and sufficiently review the suitability of JAE's products to the equipment.
2.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com